Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 27 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 23Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 24Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 25Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 26Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 27Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 28Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 29Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 30Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 101 page
background image
MSP430F563x
www.ti.com
SLAS650A – JUNE 2010 – REVISED JULY 2010
Peripheral File Map
Table 16. Peripherals
MODULE NAME
BASE ADDRESS
OFFSET ADDRESS RANGE (1)
Special Functions (refer to Table 17)
0100h
000h - 01Fh
PMM (refer to Table 18)
0120h
000h - 00Fh
Flash Control (refer to Table 19)
0140h
000h - 00Fh
CRC16 (refer to Table 20)
0150h
000h - 007h
RAM Control (refer to Table 21)
0158h
000h - 001h
Watchdog (refer to Table 22)
015Ch
000h - 001h
UCS (refer to Table 23)
0160h
000h - 01Fh
SYS (refer to Table 24)
0180h
000h - 01Fh
Shared Reference (refer to Table 25)
01B0h
000h - 001h
Port Mapping Control (refer to Table 26)
01C0h
000h - 003h
Port Mapping Port P2 (refer to Table 26)
01D0h
000h - 007h
Port P1/P2 (refer to Table 27)
0200h
000h - 01Fh
Port P3/P4 (refer to Table 28)
0220h
000h - 01Fh
Port P5/P6 (refer to Table 29)
0240h
000h - 00Bh
Port P7/P8 (refer to Table 30)
0260h
000h - 00Bh
Port P9 (refer to Table 31)
0280h
000h - 00Bh
Port PJ (refer to Table 32)
0320h
000h - 01Fh
Timer TA0 (refer to Table 33)
0340h
000h - 02Eh
Timer TA1 (refer to Table 34)
0380h
000h - 02Eh
Timer TB0 (refer to Table 35)
03C0h
000h - 02Eh
Timer TA2 (refer to Table 36)
0400h
000h - 02Eh
Battery Backup (refer to Table 37)
0480h
000h - 01Fh
RTC_B (refer to Table 38)
04A0h
000h - 01Fh
32-bit Hardware Multiplier (refer to Table 39)
04C0h
000h - 02Fh
DMA General Control (refer to Table 40)
0500h
000h - 00Fh
DMA Channel 0 (refer to Table 40)
0510h
000h - 00Ah
DMA Channel 1 (refer to Table 40)
0520h
000h - 00Ah
DMA Channel 2 (refer to Table 40)
0530h
000h - 00Ah
DMA Channel 3 (refer to Table 40)
0540h
000h - 00Ah
DMA Channel 4 (refer to Table 40)
0550h
000h - 00Ah
DMA Channel 5 (refer to Table 40)
0560h
000h - 00Ah
USCI_A0 (refer to Table 41)
05C0h
000h - 01Fh
USCI_B0 (refer to Table 42)
05E0h
000h - 01Fh
USCI_A1 (refer to Table 43)
0600h
000h - 01Fh
USCI_B1 (refer to Table 44)
0620h
000h - 01Fh
ADC12_A (refer to Table 45)
0700h
000h - 03Fh
DAC12_A (refer to Table 46)
0780h
000h - 01Fh
Comparator_B (refer to Table 47)
08C0h
000h - 00Fh
USB configuration (refer to Table 48)
0900h
000h - 014h
USB control (refer to Table 49)
0920h
000h - 01Fh
(1)
For a detailed description of the individual control register offset addresses, see the MSP430F5xx and MSP430F6xx Family User's
Guide (SLAU208).
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com