Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 16 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 12Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 13Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 14Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 15Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 16Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 17Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 18Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 19Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 101 page
background image
MSP430F563x
SLAS650A – JUNE 2010 – REVISED JULY 2010
www.ti.com
Table 5. Interrupt Sources, Flags, and Vectors of MSP430F563x Configurations (continued)
SYSTEM
WORD
INTERRUPT SOURCE
INTERRUPT FLAG
PRIORITY
INTERRUPT
ADDRESS
0FFC8h
36
Reserved
Reserved(6)
⋮
⋮
0FF80h
0, lowest
(6)
Reserved interrupt vectors at addresses are not used in this device and can be used for regular program code if necessary. To maintain
compatability with other devices, it is recommended to reserve these locations.
Memory Organization
Table 6. Memory Organization(1)
MSP430F5636
MSP430F5637
MSP430F5638
MSP430F5633
MSP430F5634
MSP430F5635
MSP430F5630
MSP430F5631
MSP430F5632
Memory (flash)
Total Size
128KB
192KB
256KB
Main: interrupt vector
00FFFFh–00FF80h
00FFFFh–00FF80h
00FFFFh–00FF80h
Bank 3
N/A
N/A
64 KB
047FFF-038000h
Bank 2
N/A
64 KB
64 KB
037FFF-028000h
037FFF-028000h
Main: code memory
Bank 1
64 KB
64 KB
64 KB
027FFF-018000h
027FFF-018000h
027FFF-018000h
Bank 0
64 KB
64 KB
64 KB
017FFF-008000h
017FFF-008000h
017FFF-008000h
Sector 3
4 KB
4 KB
4 KB
0063FFh–005400h
0063FFh–005400h
0063FFh–005400h
Sector 2
4 KB
4 KB
4 KB
0053FFh–004400h
0053FFh–004400h
0053FFh–004400h
RAM
Sector 1
4 KB
4 KB
4 KB
0043FFh–003400h
0043FFh–003400h
0043FFh–003400h
Sector 0
4 KB
4 KB
4 KB
0033FFh–002400h
0033FFh–002400h
0033FFh–002400h
Size
2KB
2KB
2KB
USB RAM(2)
RAM
0023FFh-001C00h
0023FFh-001C00h
0023FFh-001C00h
Info A
128 B
128 B
128 B
0019FFh–001980h
0019FFh–001980h
0019FFh–001980h
Info B
128 B
128 B
128 B
00197Fh–001900h
00197Fh–001900h
00197Fh–001900h
Information memory
(flash)
Info C
128 B
128 B
128 B
0018FFh–001880h
0018FFh–001880h
0018FFh–001880h
Info D
128 B
128 B
128 B
00187Fh–001800h
00187Fh–001800h
00187Fh–001800h
BSL 3
512 B
512 B
512 B
0017FFh–001600h
0017FFh–001600h
0017FFh–001600h
BSL 2
512 B
512 B
512 B
0015FFh–001400h
0015FFh–001400h
0015FFh–001400h
Bootstrap loader (BSL)
memory (flash)
BSL 1
512 B
512 B
512 B
0013FFh–001200h
0013FFh–001200h
0013FFh–001200h
BSL 0
512 B
512 B
512 B
0011FFh–001000h
0011FFh–001000h
0011FFh–001000h
Size
4KB
4KB
4KB
Peripherals
000FFFh–000000h
000FFFh–000000h
000FFFh–000000h
(1)
N/A = Not available.
(2)
USB RAM can be used as general purpose RAM when not used for USB operation.
16
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com