Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 92 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 88Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 89Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 90Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 91Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 92Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 93Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 94Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 95Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 101 page
background image
MSP430F563x
SLAS650A – JUNE 2010 – REVISED JULY 2010
www.ti.com
Table 64. 'F563x Device Descriptor Table(1) (continued)
'F5638
'F5637
'F5636
'F5635
'F5634
'F5633
'F5632
'F5631
'F5630
Size
Description
Address
bytes
Value
Value
Value
Value
Value
Value
Value
Value
Value
00h
00h
00h
00h
00h
00h
00h
00h
00h
JTAG
2
09h
09h
09h
09h
09h
09h
09h
09h
09h
00h
00h
00h
00h
00h
00h
00h
00h
00h
SBW
2
0Fh
0Fh
0Fh
0Fh
0Fh
0Fh
0Fh
0Fh
0Fh
00h
00h
00h
00h
00h
00h
00h
00h
00h
EEM-L
2
05h
05h
05h
05h
05h
05h
05h
05h
05h
00h
00h
00h
00h
00h
00h
00h
00h
00h
TI BSL
2
FCh
FCh
FCh
FCh
FCh
FCh
FCh
FCh
FCh
00h
00h
00h
00h
00h
00h
00h
00h
00h
Reserved for future use
2
FAh
FAh
FAh
FAh
FAh
FAh
FAh
FAh
FAh
10h
10h
10h
10h
10h
10h
10h
10h
10h
SFR
2
41h
41h
41h
41h
41h
41h
41h
41h
41h
02h
02h
02h
02h
02h
02h
02h
02h
02h
PMM
2
30h
30h
30h
30h
30h
30h
30h
30h
30h
02h
02h
02h
02h
02h
02h
02h
02h
02h
FCTL
2
39h
39h
39h
39h
39h
39h
39h
39h
39h
01h
01h
01h
01h
01h
01h
01h
01h
01h
CRC16
2
3Ch
3Ch
3Ch
3Ch
3Ch
3Ch
3Ch
3Ch
3Ch
00h
00h
00h
00h
00h
00h
00h
00h
00h
CRC16_RB
2
3Dh
3Dh
3Dh
3Dh
3Dh
3Dh
3Dh
3Dh
3Dh
00h
00h
00h
00h
00h
00h
00h
00h
00h
RAMCTL
2
44h
44h
44h
44h
44h
44h
44h
44h
44h
00h
00h
00h
00h
00h
00h
00h
00h
00h
WDT_A
2
40h
40h
40h
40h
40h
40h
40h
40h
40h
01h
01h
01h
01h
01h
01h
01h
01h
01h
UCS
2
48h
48h
48h
48h
48h
48h
48h
48h
48h
02h
02h
02h
02h
02h
02h
02h
02h
02h
SYS
2
42h
42h
42h
42h
42h
42h
42h
42h
42h
02h
02h
02h
02h
02h
02h
02h
02h
02h
Reserved for future use
2
43h
43h
43h
43h
43h
43h
43h
43h
43h
01h
01h
01h
01h
01h
01h
01h
01h
01h
Shared REF
2
A0h
A0h
A0h
A0h
A0h
A0h
A0h
A0h
A0h
01h
01h
01h
01h
01h
01h
01h
01h
01h
Port Mapping
2
10h
10h
10h
10h
10h
10h
10h
10h
10h
04h
04h
04h
04h
04h
04h
04h
04h
04h
Port 1/2
2
51h
51h
51h
51h
51h
51h
51h
51h
51h
02h
02h
02h
02h
02h
02h
02h
02h
02h
Port 3/4
2
52h
52h
52h
52h
52h
52h
52h
52h
52h
02h
02h
02h
02h
02h
02h
02h
02h
02h
Port 5/6
2
53h
53h
53h
53h
53h
53h
53h
53h
53h
02h
02h
02h
02h
02h
02h
02h
02h
02h
Port 7/8
2
54h
54h
54h
54h
54h
54h
54h
54h
54h
02h
02h
02h
02h
02h
02h
02h
02h
02h
Port 9
2
55h
55h
55h
55h
55h
55h
55h
55h
55h
0Ah
0Ah
0Ah
0Ah
0Ah
0Ah
0Ah
0Ah
0Ah
Port J
2
5Fh
5Fh
5Fh
5Fh
5Fh
5Fh
5Fh
5Fh
5Fh
02h
02h
02h
02h
02h
02h
02h
02h
02h
TA0
2
62h
62h
62h
62h
62h
62h
62h
62h
62h
04h
04h
04h
04h
04h
04h
04h
04h
04h
TA1
2
61h
61h
61h
61h
61h
61h
61h
61h
61h
04h
04h
04h
04h
04h
04h
04h
04h
04h
TB0
2
67h
67h
67h
67h
67h
67h
67h
67h
67h
04h
04h
04h
04h
04h
04h
04h
04h
04h
TA2
2
61h
61h
61h
61h
61h
61h
61h
61h
61h
Battery Backup Switch +
08h
08h
08h
08h
08h
08h
08h
08h
08h
2
Backup Memory
6Ah
6Ah
6Ah
6Ah
6Ah
6Ah
6Ah
6Ah
6Ah
02h
02h
02h
02h
02h
02h
02h
02h
02h
RTC_B
2
6Bh
6Bh
6Bh
6Bh
6Bh
6Bh
6Bh
6Bh
6Bh
02h
02h
02h
02h
02h
02h
02h
02h
02h
MPY32
2
85h
85h
85h
85h
85h
85h
85h
85h
85h
92
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com