Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F5632IPZ Datasheet HTML 1Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 2Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 3Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 4Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 5Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 6Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 7Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 8Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
MSP430F563x
www.ti.com
SLAS650A – JUNE 2010 – REVISED JULY 2010
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
•
Low Supply Voltage Range, 1.8 V to 3.6 V
•
Two Universal Serial Communication
Interfaces
•
Ultralow Power Consumption
–
USCI_A0 and USCI_A1 Each Supporting
–
Active Mode (AM): TBD
–
Enhanced UART supporting
–
Standby Mode (LPM3 WDT Mode): TBD
Auto-Baudrate Detection
–
Off Mode (LPM4 RAM Retention): TBD
–
IrDA Encoder and Decoder
–
Shutdown Mode (LPM3.5 RTC Mode): TBD
–
Synchronous SPI
–
Shutdown Mode (LPM4.5): TBD
–
USCI_B0 and USCI_B1 Each Supporting
•
Wake-Up From Standby Mode in Less Than
–
I2CTM
5 µs
–
Synchronous SPI
•
16-Bit RISC Architecture, Extended Memory,
up to 20-MHz System Clock
•
Full-Speed Universal Serial Bus (USB)
•
Flexible Power Management System
–
Integrated USB-PHY
–
Fully Integrated LDO With Programmable
–
Integrated 3.3-V/1.8-V USB Power System
Regulated Core Supply Voltage
–
Integrated USB-PLL
–
Supply Voltage Supervision, Monitoring,
–
Eight Input, Eight Output Endpoints
and Brownout
•
12-Bit Analog-to-Digital (A/D) Converter With
•
Unified Clock System
Internal Shared Reference, Sample-and-Hold,
–
FLL Control Loop for Frequency
and Autoscan Feature
Stabilization
•
Dual 12-Bit Digital-to-Analog (D/A) Converters
–
Low Power/Low Frequency Internal Clock
With Synchronization
Source (VLO)
•
Comparator
–
Low Frequency Trimmed Internal Reference
•
Hardware Multiplier Supporting 32-Bit
Source (REFO)
Operations
–
32-kHz Crystals (XT1)
•
Flash Memory
–
High-Frequency Crystals Up to 32 MHz
–
Serial Onboard Programming, No External
(XT2)
Programming Voltage Needed
•
16-Bit Timer TA0, Timer_A With Five
•
Six-Channel Internal DMA
Capture/Compare Registers
•
Real-Time Clock Module With Supply Voltage
•
16-Bit Timer TA1, Timer_A With Three
Backup Switch
Capture/Compare Registers
•
Family Members are Summarized in Table 1
•
16-Bit Timer TA2, Timer_A With Three
•
For Complete Module Descriptions, See the
Capture/Compare Registers
MSP430x5xx/MSP430x6xx Family User's Guide
•
16-Bit Timer TB0, Timer_B With Seven
(SLAU208)
Capture/Compare Shadow Registers
DESCRIPTION
The Texas Instruments MSP430 family of ultralow-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes is optimized to achieve extended battery life in portable measurement applications. The device features a
powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 5 µs.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the
Copyright © 2010, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - MSP430F5632IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5632IPZ TI1-MSP430F5632IPZ Datasheet
1Mb / 106P
MIXED SIGNAL MICROCONTROLLER
AUGUST2011
MSP430F5632IPZ TI1-MSP430F5632IPZ Datasheet
1Mb / 107P
MIXED SIGNAL MICROCONTROLLER
MSP430F5632IPZ TI1-MSP430F5632IPZ Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F5632IPZ TI-MSP430F5632IPZ Datasheet
3Mb / 127P
MSP430F563x Mixed-Signal Microcontrollers
MSP430F5632IPZR TI1-MSP430F5632IPZR Datasheet
1Mb / 107P
MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F5632IPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com