Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 46 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 42Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 43Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 44Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 45Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 46Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 47Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 48Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 49Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 101 page
background image
MSP430F563x
SLAS650A – JUNE 2010 – REVISED JULY 2010
www.ti.com
Crystal Oscillator, XT2
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fOSC = 4 MHz, XT2OFF = 0,
XT2BYPASS = 0, XT2DRIVEx = 0,
200
TA = 25°C
fOSC = 12 MHz, XT2OFF = 0,
XT2BYPASS = 0, XT2DRIVEx = 1,
260
TA = 25°C
XT2 oscillator crystal current
IDVCC,XT2
3 V
µA
consumption
fOSC = 20 MHz, XT2OFF = 0,
XT2BYPASS = 0, XT2DRIVEx = 2,
325
TA = 25°C
fOSC = 32 MHz, XT2OFF = 0,
XT2BYPASS = 0, XT2DRIVEx = 3,
450
TA = 25°C
XT2 oscillator crystal frequency,
fXT2,HF0
XT2DRIVEx = 0, XT2BYPASS = 0(3)
4
8
MHz
mode 0
XT2 oscillator crystal frequency,
fXT2,HF1
XT2DRIVEx = 1, XT2BYPASS = 0(3)
8
16
MHz
mode 1
XT2 oscillator crystal frequency,
fXT2,HF2
XT2DRIVEx = 2, XT2BYPASS = 0(3)
16
24
MHz
mode 2
XT2 oscillator crystal frequency,
fXT2,HF3
XT2DRIVEx = 3, XT2BYPASS = 0(3)
24
32
MHz
mode 3
XT2 oscillator logic-level
fXT2,HF,SW
XT2BYPASS = 1(4) (3)
1.5
32
MHz
square-wave input frequency
XT2DRIVEx = 0, XT2BYPASS = 0,
450
fXT2,HF0 = 6 MHz, CL,eff = 15 pF
XT2DRIVEx = 1, XT2BYPASS = 0,
320
fXT2,HF1 = 12 MHz, CL,eff = 15 pF
Oscillation allowance for
OAHF
Ω
HF crystals(5)
XT2DRIVEx = 2, XT2BYPASS = 0,
200
fXT2,HF2 = 20 MHz, CL,eff = 15 pF
XT2DRIVEx = 3, XT2BYPASS = 0,
200
fXT2,HF3 = 32 MHz, CL,eff = 15 pF
fOSC = 6 MHz
XT2BYPASS = 0, XT2DRIVEx = 0,
0.5
TA = 25°C,
CL,eff = 15 pF
tSTART,HF
Startup time
3 V
ms
fOSC = 20 MHz
XT2BYPASS = 0, XT2DRIVEx = 3,
0.3
TA = 25°C,
CL,eff = 15 pF
Integrated effective load
CL,eff
1
pF
capacitance, HF mode(6) (1)
Measured at ACLK, fXT2,HF2 =
Duty cycle
40
50
60
%
20 MHz
(1)
Requires external capacitors at both terminals. Values are specified by crystal manufacturers.
(2)
To improve EMI on the XT2 oscillator the following guidelines should be observed.
(a) Keep the traces between the device and the crystal as short as possible.
(b) Design a good ground plane around the oscillator pins.
(c) Prevent crosstalk from other clock or data lines into oscillator pins XT2IN and XT2OUT.
(d) Avoid running PCB traces underneath or adjacent to the XT2IN and XT2OUT pins.
(e) Use assembly materials and praxis to avoid any parasitic load on the oscillator XT2IN and XT2OUT pins.
(f) If conformal coating is used, ensure that it does not induce capacitive/resistive leakage between the oscillator pins.
(3)
Maximum frequency of operation of the entire device cannot be exceeded.
(4)
When XT2BYPASS is set, the XT2 circuit is automatically powered down.
(5)
Oscillation allowance is based on a safety factor of 5 for recommended crystals.
(6)
Includes parasitic bond and package capacitance (approximately 2 pF per pin).
Since the PCB adds additional capacitance, it is recommended to verify the correct load by measuring the ACLK frequency. For a
correct setup, the effective load capacitance should always match the specification of the used crystal.
46
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com