Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 64 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 60Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 61Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 62Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 63Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 64Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 65Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 66Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 67Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 101 page
background image
R
= 3 k
Load
W
AV
CC
C
= 100 pF
Load
2
DAC Output
R
O/P(DAC12.x)
I
Load
Conversion 1
Conversion 2
V
OUT
Conversion 3
Glitch
Energy
±1/2 LSB
±1/2 LSB
t
settleLH
t
settleHL
Conversion 1
Conversion 2
V
OUT
Conversion 3
10%
t
SRLH
t
SRHL
90%
10%
90%
MSP430F563x
SLAS650A – JUNE 2010 – REVISED JULY 2010
www.ti.com
Figure 11. Settling Time and Glitch Energy Testing
Figure 12. Slew Rate Testing
12-bit DAC, Dynamic Specifications (Continued)
(TA = 25°C unless otherwise noted)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
DAC12AMPx = {2, 3, 4},
DAC12SREFx = 2,
40
DAC12IR = 1, DAC12_xDAT = 800h
3-dB bandwidth,
DAC12AMPx = {5, 6}, DAC12SREFx
BW–3dB
VDC = 1.5 V,
2.2 V/3 V
kHz
= 2,
180
VAC = 0.1 VPP (see Figure 13)
DAC12IR = 1, DAC12_xDAT = 800h
DAC12AMPx = 7, DAC12SREFx = 2,
550
DAC12IR = 1, DAC12_xDAT = 800h
DAC12_0DAT = 800h, No load,
DAC12_1DAT = 80h
↔ F7Fh, RLoad =
3 k
Ω,
–80
fDAC12_0OUT = 10 kHz at 50/50 duty
cycle
Channel-to-channel crosstalk(1)
2.2 V/3 V
dB
(see Figure 14)
DAC12_0DAT = 80h
↔ F7Fh, RLoad =
3 k
Ω,
DAC12_1DAT = 800h, No load,
–80
fDAC12_0OUT = 10 kHz at 50/50 duty
cycle
(1)
RLoad = 3 kΩ, CLoad = 100 pF
64
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com