Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 91 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 87Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 88Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 89Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 90Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 91Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 92Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 93Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 94Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 101 page
background image
MSP430F563x
www.ti.com
SLAS650A – JUNE 2010 – REVISED JULY 2010
DEVICE DESCRIPTORS
Table 64 list the complete contents of the device descriptor tag-length-value (TLV) structure for each device type.
Table 64. 'F563x Device Descriptor Table(1)
'F5638
'F5637
'F5636
'F5635
'F5634
'F5633
'F5632
'F5631
'F5630
Size
Description
Address
bytes
Value
Value
Value
Value
Value
Value
Value
Value
Value
Info Block
Info length
01A00h
1
06h
06h
06h
06h
06h
06h
06h
06h
06h
CRC length
01A01h
1
06h
06h
06h
06h
06h
06h
06h
06h
06h
CRC value
01A02h
2
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
Device ID
01A04h
1
14h
12h
10h
0Eh
44h
42h
40h
3Eh
3Ch
Device ID
01A05h
1
80h
80h
80h
80h
80h
80h
80h
80h
80h
Hardware revision
01A06h
1
10h
10h
10h
10h
10h
10h
10h
10h
10h
Firmware revision
01A07h
1
10h
10h
10h
10h
10h
10h
10h
10h
10h
Die Record
Die Record Tag
01A08h
1
08h
08h
08h
08h
08h
08h
08h
08h
08h
Die Record length
01A09h
1
0Ah
0Ah
0Ah
0Ah
0Ah
0Ah
0Ah
0Ah
0Ah
Lot/Wafer ID
01A0Ah
4
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
Die X position
01A0Eh
2
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
Die Y position
01A10h
2
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
Test results
01A12h
2
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
ADC12
ADC12 Calibration Tag
01A14h
1
11h
11h
11h
11h
11h
11h
11h
11h
11h
Calibration
ADC12 Calibration
01A15h
1
10h
10h
10h
10h
10h
10h
10h
10h
10h
length
ADC Gain Factor
01A16h
2
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
ADC Offset
01A18h
2
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
ADC 1.5-V Reference
01A1Ah
2
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
Temp. Sensor 30°C
ADC 1.5-V Reference
01A1Ch
2
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
Temp. Sensor 85°C
ADC 2.0-V Reference
01A1Eh
2
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
Temp. Sensor 30°C
ADC 2.0-V Reference
01A20h
2
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
Temp. Sensor 85°C
ADC 2.5-V Reference
01A22h
2
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
Temp. Sensor 30°C
ADC 2.5-V Reference
01A24h
2
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
per unit
Temp. Sensor 85°C
Peripheral
Peripheral Descriptor
01A26h
1
02h
02h
02h
02h
02h
02h
02h
02h
02h
Descriptor
Tag
Peripheral Descriptor
01A27h
1
73h
74h
73h
71h
72h
71h
6Fh
70h
6Fh
Length
08h
08h
08h
08h
08h
08h
08h
08h
08h
Memory 1
2
8Ah
8Ah
8Ah
8Ah
8Ah
8Ah
8Ah
8Ah
8Ah
0Ch
0Ch
0Ch
0Ch
0Ch
0Ch
0Ch
0Ch
0Ch
Memory 2
2
86h
86h
86h
86h
86h
86h
86h
86h
86h
0Eh
0Eh
0Eh
0Eh
0Eh
0Eh
0Eh
0Eh
0Eh
Memory 3
2
2Ah
2Ah
2Ah
2Ah
2Ah
2Ah
2Ah
2Ah
2Ah
12h
12h
12h
12h
12h
12h
12h
12h
12h
Memory 4
2
30h
30h
30h
30h
30h
30h
30h
30h
30h
38h
38h
38h
38h
38h
38h
38h
38h
38h
Memory 5
2
ACh
ACh
ACh
ACh
ACh
ACh
ACh
ACh
ACh
40h
40h
40h
40h
40h
40h
40h
40h
40h
Memory 6
2/3
97h
97h
97h
98h
96h
98h
96h
98h
96h
94h
94h
94h
delimiter
1
00h
00h
00h
00h
00h
00h
00h
00h
00h
Peripheral count
1
27h
27h
27h
26h
26h
26h
25h
25h
25h
00h
00h
00h
00h
00h
00h
00h
00h
00h
MSP430CPUXV2
2
23h
23h
23h
23h
23h
23h
23h
23h
23h
(1)
NA = Not applicable
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com