Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 13Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 14Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 15Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 16Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 17Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 18Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 19Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 20Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 101 page
background image
MSP430F563x
www.ti.com
SLAS650A – JUNE 2010 – REVISED JULY 2010
Bootstrap Loader (BSL)
The BSL enables users to program the flash memory or RAM using a UART serial interface. Access to the
device memory via the BSL is protected by user-defined password. For complete description of the features of
the BSL and its implementation, see the MSP430 Memory Programming User's Guide, TI literature number
SLAU265.
Table 7. BSL Functions
BSL FUNCTION
DEVICE OUTPUT SIGNAL
Data transmit
P1.1
Data receive
P1.2
Flash Memory
The flash memory can be programmed via the JTAG port, Spy-Bi-Wire (SBW), the BSL, or in-system by the
CPU. The CPU can perform single-byte, single-word, and long-word writes to the flash memory. Features of the
flash memory include:
•
Flash memory has n segments of main memory and four segments of information memory (A to D) of
128 bytes each. Each segment in main memory is 512 bytes in size.
•
Segments 0 to n may be erased in one step, or each segment may be individually erased.
•
Segments A to D can be erased individually, or as a group with segments 0 to n. Segments A to D are also
called information memory.
•
Segment A can be locked separately.
RAM Memory
The RAM memory is made up of n sectors. Each sector can be completely powered down to save leakage,
however all data is lost. Features of the RAM memory include:
•
RAM memory has n sectors. The size of a sector can be found in the Memory Organization section.
•
Each sector 0 to n can be complete disabled, however data retention is lost.
•
Each sector 0 to n automatically enters low power retention mode when possible.
•
For Devices that contain USB memory, the USB memory can be used as normal RAM if USB is not required.
Backup RAM Memory
The Backup RAM provides a limited number of bytes of RAM that are retained during LPMx.5 and during
operation from a backup supply in case the Battery Backup System module is implemented.
There are 8 bytes of Backup RAM available on MSP430F563x. It can be accessed wordwise via the control
registers BAKMEM0, BAKMEM1, BAKMEM2, and BAKMEM3.
Peripherals
Peripherals are connected to the CPU through data, address, and control busses and can be handled using all
instructions. For complete module descriptions, see the MSP430x5xx/MSP430x6xx Family User's Guide,
literature number SLAU 208.
Digital I/O
There are up to nine 8-bit I/O ports implemented: P1 through P9 are complete and port PJ contains four
individual I/O ports.
•
All individual I/O bits are independently programmable.
•
Any combination of input, output, and interrupt conditions is possible.
•
Programmable pullup or pulldown on all ports.
•
Programmable drive strength on all ports.
•
Edge-selectable interrupt input capability for all the eight bits of ports P1, P2, P3, and P4.
•
Read/write access to port-control registers is supported by all instructions.
•
Ports can be accessed byte-wise (P1 through P9) or word-wise in pairs (PA through PD).
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com