Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 59 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 55Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 56Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 57Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 58Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 59Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 60Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 61Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 62Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 101 page
background image
500
550
600
650
700
750
800
850
900
950
1000
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80
AmbientTemperature- ˚C
MSP430F563x
www.ti.com
SLAS650A – JUNE 2010 – REVISED JULY 2010
Figure 8. Typical Temperature Sensor Voltage
REF, External Reference
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Positive external reference
VeREF+
VeREF+ > VREF–/VeREF–
(2)
1.4
AVCC
V
voltage input
Negative external
VREF–/VeREF–
VeREF+ > VREF–/VeREF–
(3)
0
1.2
V
reference voltage input
(VeREF+ –
Differential external
VeREF+ > VREF–/VeREF–
(4)
1.4
AVCC
V
VREF–/VeREF–)
reference voltage input
1.4 V
≤ VeREF+ ≤ VAVCC , VeREF– = 0 V,
fADC12CLK = 5 MHz, ADC12SHTx = 1h,
2.2 V/3 V
TBD
TBD
µA
Conversion rate 200 ksps
IVeREF+ ,
Static input current
IVREF–/VeREF–
1.4 V
≤ VeREF+ ≤ VAVCC , VeREF– = 0 V,
fADC12CLK = 5 MHz, ADC12SHTx = 8h,
2.2 V/3 V
TBD
µA
Conversion rate 20 ksps
IVeREF+
Peak input current
0 V
≤ VeREF+ ≤ VAVCC
TBD
µA
Capacitance at VREF+/-
CVREF+/-
(5)10
µF
terminal
(1)
The external reference is used during ADC conversion to charge and discharge the capacitance array. The input capacitance, Ci, is also
the dynamic load for an external reference during conversion. The dynamic impedance of the reference supply should follow the
recommendations on analog-source impedance to allow the charge to settle for 12-bit accuracy.
(2)
The accuracy limits the minimum positive external reference voltage. Lower reference voltage levels may be applied with reduced
accuracy requirements.
(3)
The accuracy limits the maximum negative external reference voltage. Higher reference voltage levels may be applied with reduced
accuracy requirements.
(4)
The accuracy limits minimum external differential reference voltage. Lower differential reference voltage levels may be applied with
reduced accuracy requirements.
(5)
Two decoupling capacitors, 10µF and 100nF, should be connected to VREF to decouple the dynamic current required for an external
reference source if it is used for the ADC12_A. See also the MSP430x5xx Family User's Guide (SLAU208).
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com