Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 65 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 61Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 62Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 63Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 64Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 65Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 66Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 67Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 68Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 101 page
background image
Ve
REF+
AC
DC
R
=3k
Load
W
AV
CC
C
=100pF
Load
2
I
Load
DAC12_x
DACx
DAC12_xDAT
080h
V
OUT
f
oggle
T
7F7h
V
DAC12_yOUT
080h
7F7h
080h
V
DAC12_xOUT
R
Load
AV
CC
C
Load =100pF
2
I
Load
DAC12_1
R
Load
AV
CC
C
=100pF
Load
2
I
Load
DAC12_0
DAC0
DAC1
V
REF+
MSP430F563x
www.ti.com
SLAS650A – JUNE 2010 – REVISED JULY 2010
Figure 13. Test Conditions for 3-dB Bandwidth Specification
Figure 14. Crosstalk Test Conditions
Comparator_B
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC
Supply voltage
1.8
3.6
V
1.8 V
40
Comparator operating supply
CBPWRMD = 00
2.2 V
30
50
current into AVCC terminal.
IAVCC_COMP
3 V
40
65
µA
Excludes reference resistor
CBPWRMD = 01
2.2 V / 3 V
10
30
ladder.
CBPWRMD = 10
2.2 V / 3 V
0.1
0.5
Quiescent current of local
IAVCC_REF
reference voltage amplifier into
CBREFACC = 1, CBREFLx = 01
22
µA
AVCC terminal.
VIC
Common mode input range
0
VCC- 1
V
CBPWRMD = 00
±20
VOFFSET
Input offset voltage
mV
CBPWRMD = 01, 10
±10
CIN
Input capacitance
5
pF
ON - switch closed
3
4
k
Ω
RSIN
Series input resistance
OFF - switch opened
50
M
Ω
GV
Open loop voltage gain
80
dB
CBPWRMD = 00, CBF = 0
400
ns
tPD
Propagation delay, response time
CBPWRMD = 01, CBF = 0
550
ns
CBPWRMD = 10, CBF = 0
50
µs
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com