Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 49 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 45Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 46Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 47Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 48Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 49Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 50Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 51Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 52Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 101 page
background image
MSP430F563x
www.ti.com
SLAS650A – JUNE 2010 – REVISED JULY 2010
PMM, Core Voltage (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Core voltage, active
VCORE0(AM)
1.8 V
≤ DVCC ≤ 3.6 V, 0 mA ≤ I(VCORE) ≤ 13 mA
1.40
V
mode, PMMCOREV = 0
Core voltage, low-current
VCORE3(LPM)
2.4 V
≤ DVCC ≤ 3.6 V, 0 µA ≤ I(VCORE) ≤ 30 µA
1.94
V
mode, PMMCOREV = 3
Core voltage, low-current
VCORE2(LPM)
2.2 V
≤ DVCC ≤ 3.6 V, 0 µA ≤ I(VCORE) ≤ 30 µA
1.84
V
mode, PMMCOREV = 2
Core voltage, low-current
VCORE1(LPM)
2 V
≤ DVCC ≤ 3.6 V, 0 µA ≤ I(VCORE) ≤ 30 µA
1.64
V
mode, PMMCOREV = 1
Core voltage, low-current
VCORE0(LPM)
1.8 V
≤ DVCC ≤ 3.6 V, 0 µA ≤ I(VCORE) ≤ 30 µA
1.44
V
mode, PMMCOREV = 0
PMM, SVS High Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVSHE = 0, DVCC = 3.6 V
0
nA
I(SVSH)
SVS current consumption
SVSHE = 1, DVCC = 3.6 V, SVSHFP = 0
200
nA
SVSHE = 1, DVCC = 3.6 V, SVSHFP = 1
2.0
µA
SVSHE = 1, SVSHRVL = 0
1.59
1.64
1.69
SVSHE = 1, SVSHRVL = 1
1.79
1.84
1.91
V(SVSH_IT–)
SVSH on voltage level
(1)
V
SVSHE = 1, SVSHRVL = 2
1.98
2.04
2.11
SVSHE = 1, SVSHRVL = 3
2.10
2.16
2.23
SVSHE = 1, SVSMHRRL = 0
1.62
1.74
1.81
SVSHE = 1, SVSMHRRL = 1
1.88
1.94
2.01
SVSHE = 1, SVSMHRRL = 2
2.07
2.14
2.21
SVSHE = 1, SVSMHRRL = 3
2.20
2.26
2.33
V(SVSH_IT+)
SVSH off voltage level
(1)
V
SVSHE = 1, SVSMHRRL = 4
2.32
2.40
2.48
SVSHE = 1, SVSMHRRL = 5
2.56
2.70
2.84
SVSHE = 1, SVSMHRRL = 6
2.85
3.00
3.15
SVSHE = 1, SVSMHRRL = 7
2.85
3.00
3.15
SVSHE = 1, dVDVCC/dt = 10 mV/µs,
2.5
SVSHFP = 1
tpd(SVSH)
SVSH propagation delay
µs
SVSHE = 1, dVDVCC/dt = 1 mV/µs,
20
SVSHFP = 0
SVSHE = 0
→1, dVDVCC/dt = 10 mV/µs,
12.5
SVSHFP = 1
t(SVSH)
SVSH on/off delay time
µs
SVSHE = 0
→1, dVDVCC/dt = 1 mV/µs,
100
SVSHFP = 0
dVDVCC/dt
DVCC rise time
0
1000
V/s
(1)
The SVSH settings available depend on the VCORE (PMMCOREVx) setting. Please refer to the Power Management Module and Supply
Voltage Supervisor chapter in the MSP430x5xx Family User's Guide (SLAU208) on recommended settings and usage.
PMM, SVM High Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVMHE = 0, DVCC = 3.6 V
0
nA
I(SVMH)
SVMH current consumption
SVMHE = 1, DVCC = 3.6 V, SVMHFP = 0
200
nA
SVMHE = 1, DVCC = 3.6 V, SVMHFP = 1
2.0
µA
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com