Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 44 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 40Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 41Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 42Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 43Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 44Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 45Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 46Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 47Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 101 page
background image
MSP430F563x
SLAS650A – JUNE 2010 – REVISED JULY 2010
www.ti.com
Outputs – General Purpose I/O (Full Drive Strength) (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
I(OLmax) = 3 mA
(1)
VSS VSS + 0.25
1.8 V
I(OLmax) = 10 mA
(2)
VSS VSS + 0.60
VOL
Low-level output voltage
V
I(OLmax) = 5 mA
(1)
VSS VSS + 0.25
3 V
I(OLmax) = 15 mA
(2)
VSS VSS + 0.60
Outputs – General Purpose I/O (Reduced Drive Strength)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
I(OHmax) = –1 mA
(2)
VCC – 0.25
VCC
1.8 V
I(OHmax) = –3 mA
(3)
VCC – 0.60
VCC
VOH
High-level output voltage
V
I(OHmax) = –2 mA
(2)
VCC – 0.25
VCC
3 V
I(OHmax) = –6 mA
(3)
VCC – 0.60
VCC
I(OLmax) = 1 mA
(2)
VSS VSS + 0.25
1.8 V
I(OLmax) = 3 mA
(3)
VSS VSS + 0.60
VOL
Low-level output voltage
V
I(OLmax) = 2 mA
(2)
VSS VSS + 0.25
3 V
I(OLmax) = 6 mA
(3)
VSS VSS + 0.60
(1)
Selecting reduced drive strength may reduce EMI.
(2)
The maximum total current, I(OHmax) and I(OLmax), for all outputs combined, should not exceed ±48 mA to hold the maximum voltage drop
specified.
(3)
The maximum total current, I(OHmax) and I(OLmax), for all outputs combined, should not exceed ±100 mA to hold the maximum voltage
drop specified.
Output Frequency – Ports P1, P2 and P3
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VCC = 1.8 V
8
PMMCOREVx = 0
Port output frequency
P3.4/TA2CLK/SMCLK/S27
fPx.y
MHz
(with load)
CL = 20 pF, RL = 1 kΩ
(1) or 3.2 kΩ(2) (3)
VCC = 3 V
20
PMMCOREVx = 3
VCC = 1.8 V
P1.0/TA0CLK/ACLK/S39
8
PMMCOREVx = 0
P3.4/TA2CLK/SMCLK/S27
fPort_CLK
Clock output frequency
MHz
P2.0/P2MAP0 (P2MAP0 = PM_MCLK )
VCC = 3 V
20
CL = 20 pF
(3)
PMMCOREVx = 3
(1)
Full drive strength of port: A resistive divider with 2 × 0.5 k
Ω between VCC and VSS is used as load. The output is connected to the
center tap of the divider.
(2)
Reduced drive strength of port: A resistive divider with 2 × 1.6 k
Ω between VCC and VSS is used as load. The output is connected to the
center tap of the divider.
(3)
The output voltage reaches at least 10% and 90% VCC at the specified toggle frequency.
44
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com