Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 35Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 36Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 37Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 38Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 39Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 40Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 41Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 42Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
MSP430F563x
www.ti.com
SLAS650A – JUNE 2010 – REVISED JULY 2010
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
PMMCOREVx = 0
1.8
3.6
Supply voltage during program execution and flash
PMMCOREVx = 0, 1
2.0
3.6
VCC
programming (AVCC1 = DVCC1 = DVCC2 = DVCC3 =
V
PMMCOREVx = 0, 1, 2
2.2
3.6
DVCC = VCC)
(1)
PMMCOREVx = 0, 1, 2, 3
2.4
3.6
PMMCOREVx = 0
1.8
3.6
Supply voltage during USB operation, USB PLL
PMMCOREVx = 0, 1
2.0
3.6
disabled
PMMCOREVx = 0, 1, 2
2.2
3.6
USB_EN = 1, UPLLEN = 0
VCC, USB
V
PMMCOREVx = 0, 1, 2, 3
2.4
3.6
Supply voltage during USB operation, USB PLL
PMMCOREVx = 2
2.2
3.6
enabled(2)
PMMCOREVx = 2, 3
2.4
3.6
USB_EN = 1, UPLLEN = 1
Supply voltage (AVSS1 = AVSS2 = AVSS3 = DVSS1 =
VSS
0
V
DVSS2 = DVSS3 = VSS)
TA = 0°C to 85°C
1.55
3.6
VBAT,RTC
Backup-supply voltage with RTC operational
V
TA = –40°C to 85°C
1.70
3.6
VBAT,MEM
Backup-supply voltage with backup memory retained.
TA = –40°C to 85°C
1.20
3.6
V
TA
Operating free-air temperature
I version
–40
85
°C
TJ
Operating junction temperature
I version
–40
85
°C
CBAK
Capacitance at pin VBAK
1
4.7
10
nF
CVCORE
Capacitor at VCORE
470
nF
CDVCC/CVCORE
Capacitor ratio of DVCC to VCORE
10
PMMCOREVx = 0,
1.8 V
≤ VCC ≤ 3.6 V
0
8.0
(default condition)
PMMCOREVx = 1, 2
0
12.0
Processor frequency (maximum MCLK frequency)(3) (4)
V
≤ VCC ≤ 3.6 V
fSYSTEM
MHz
(see Figure 1)
PMMCOREVx = 2,
0
16.0
2.2 V
≤ VCC ≤ 3.6 V
PMMCOREVx = 3,
0
20.0
2.4 V
≤ VCC ≤ 3.6 V
fSYSTEM_USB
Minimum processor frequency for USB operation
1.5
MHz
USB_wait
Wait state cycles during USB operation
16
cycles
(1)
It is recommended to power AVCC and DVCC from the same source. A maximum difference of 0.3 V between AVCC and DVCC can be
tolerated during power up and operation.
(2)
USB operation with USB PLL enabled requires PMMCOREVx
≥ 2 for proper operation.
(3)
The MSP430 CPU is clocked directly with MCLK. Both the high and low phase of MCLK must not exceed the pulse width of the
specified maximum frequency.
(4)
Modules may have a different maximum input clock specification. Refer to the specification of the respective module in this data sheet.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com