Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 53 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 49Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 50Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 51Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 52Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 53Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 54Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 55Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 56Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 101 page
background image
t
SU,MI
t
HD,MI
UCLK
SOMI
SIMO
t
VALID,MO
t
HD,MO
CKPL =0
CKPL =1
t
LO/HI
t
LO/HI
1/f
UCxCLK
MSP430F563x
www.ti.com
SLAS650A – JUNE 2010 – REVISED JULY 2010
USCI (SPI Master Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(see Note
(1), Figure 3, and Figure 4)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
SMCLK, ACLK
fUSCI
USCI input clock frequency
fSYSTEM
MHz
Duty cycle = 50% ± 10%
1.8 V
55
PMMCOREV = 0
ns
3 V
38
tSU,MI
SOMI input data setup time
2.4 V
30
PMMCOREV = 3
ns
3 V
25
1.8 V
0
PMMCOREV = 0
ns
3 V
0
tHD,MI
SOMI input data hold time
2.4 V
0
PMMCOREV = 3
ns
3 V
0
UCLK edge to SIMO valid,
1.8 V
20
CL = 20 pF
ns
3 V
18
PMMCOREV = 0
tVALID,MO
SIMO output data valid time(2)
UCLK edge to SIMO valid,
2.4 V
16
CL = 20 pF
ns
3 V
15
PMMCOREV = 3
1.8 V
-10
CL = 20 pF
ns
PMMCOREV = 0
3 V
-8
tHD,MO
SIMO output data hold time(3)
2.4 V
-10
CL = 20 pF
ns
PMMCOREV = 3
3 V
-8
(1)
fUCxCLK = 1/2tLO/HI with tLO/HI ≥ max(tVALID,MO(USCI) + tSU,SI(Slave), tSU,MI(USCI) + tVALID,SO(Slave)).
For the slave's parameters tSU,SI(Slave) and tVALID,SO(Slave) refer to the SPI parameters of the attached slave.
(2)
Specifies the time to drive the next valid data to the SIMO output after the output changing UCLK clock edge. Refer to the timing
diagrams in Figure 3 and Figure 4.
(3)
Specifies how long data on the SIMO output is valid after the output changing UCLK clock edge. Negative values indicate that the data
on the SIMO output can become invalid before the output changing clock edge observed on UCLK. Refer to the timing diagrams in
Figure 3 and Figure 4.
Figure 3. SPI Master Mode, CKPH = 0
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com