Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 52 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 48Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 49Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 50Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 51Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 52Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 53Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 54Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 55Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 101 page
background image
MSP430F563x
SLAS650A – JUNE 2010 – REVISED JULY 2010
www.ti.com
Battery Backup
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
TA = -40°C
0.43
VBAT = 1.7 V
TA = 25°C
0.52
DVCC not
µA
connected
TA = 60°C
0.58
RTC running
TA = 85°C
0.64
TA = -40°C
0.50
VBAT = 2.2 V
TA = 25°C
0.59
Current into VBAT terminal in case
DVCC not
IVBAT
µA
no primary battery is connected.
connected
TA = 60°C
0.64
RTC running
TA = 85°C
0.71
TA = -40°C
0.68
VBAT = 3 V
TA = 25°C
0.75
DVCC not
µA
connected
TA = 60°C
0.79
RTC running
TA = 85°C
0.86
General
VSVSH_I
T-
SVSHRL = 0
1.59
1.69
VSWITCH
Switch over level (VCC to VBAT)
CVCC = 4.7 µF
V
SVSHRL = 1
1.79
1.91
SVSHRL = 2
1.98
2.11
SVSHRL = 3
2.10
2.23
On-resistance of switch between
0 V
350
5
RON_VBAT
VBAT = 1.8 V
k
Ω
VBAT and VBAK
1.8 V
0.6
±5%
VBAT to ADC:
VBAT3
3 V
1.0
±5%
V
VBAT divide. VBAT3 ≠ VBAT /3
3.6 V
1.2
±5%
tSample,VBA
VBAT to ADC: Sampling time
ADC12ON = 1, Error of conversion
1000
ns
T3
required if VBAT3 selected.
result
≤ 1 LSB
VCHVx
Charger end voltage
CHVx = 2
2.65
2.7
2.9
V
CHCx = 1
5
RCHARGE
Charge limiting resistor
CHCx = 2
10
k
Ω
CHCx = 3
20
USCI (UART Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Internal: SMCLK, ACLK
fUSCI
USCI input clock frequency
External: UCLK
fSYSTEM
MHz
Duty cycle = 50% ± 10%
BITCLK clock frequency
fBITCLK
1
MHz
(equals baud rate in MBaud)
2.2 V
50
600
tt
UART receive deglitch time(1)
ns
3 V
50
600
(1)
Pulses on the UART receive input (UCxRX) shorter than the UART receive deglitch time are suppressed. To ensure that pulses are
correctly recognized their width should exceed the maximum specification of the deglitch time.
52
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com