Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 7Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 8Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 9Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 10Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 11Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 12Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 13Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 14Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
MSP430F563x
www.ti.com
SLAS650A – JUNE 2010 – REVISED JULY 2010
Table 2. Terminal Functions (continued)
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PZ
ZQW
General-purpose digital I/O with port interrupt
P4.0/TB0.0
50
J9
I/O
Timer TB0 capture CCR0: CCI0A/CCI0B input, compare: Out0 output
General-purpose digital I/O with port interrupt
P4.1/TB0.1
51
M11
I/O
Timer TB0 capture CCR1: CCI1A/CCI1B input, compare: Out1 output
General-purpose digital I/O with port interrupt
P4.2/TB0.2
52
L10
I/O
Timer TB0 capture CCR2: CCI2A/CCI2B input, compare: Out2 output
General-purpose digital I/O with port interrupt
P4.3/TB0.3
53
M12
I/O
Timer TB0 capture CCR3: CCI3A/CCI3B input, compare: Out3 output
General-purpose digital I/O with port interrupt
P4.4/TB0.4
54
L12
I/O
Timer TB0 capture CCR4: CCI4A/CCI4B input, compare: Out4 output
General-purpose digital I/O with port interrupt
P4.5/TB0.5
55
L11
I/O
Timer TB0 capture CCR5: CCI5A/CCI5B input, compare: Out5 output
General-purpose digital I/O with port interrupt
P4.6/TB0.6
56
K11
I/O
Timer TB0 capture CCR6: CCI6A/CCI6B input, compare: Out6 output
General-purpose digital I/O with port interrupt
P4.7/TB0OUTH/SVMOUT
57
K12
I/O
Timer TB0: Switch all PWM outputs high impedance
SVM output
General-purpose digital I/O
P8.0/TB0CLK
58
J11
I/O
Timer TB0 clock input
General-purpose digital I/O
P8.1/UCB1STE/UCA1CLK
59
J12
I/O
USCI_B1 SPI slave transmit enable; USCI_A1 clock input/output
General-purpose digital I/O
P8.2/UCA1TXD/UCA1SIMO
60
H11
I/O
USCI_A1 UART transmit data; USCI_A1 SPI slave in/master out
General-purpose digital I/O
P8.3/UCA1RXD/UCA1SOMI
61
H12
I/O
USCI_A1 UART receive data; USCI_A1 SPI slave out/master in
General-purpose digital I/O
P8.4/UCB1CLK/UCA1STE
62
G11
I/O
USCI_B1 clock input/output; USCI_A1 SPI slave transmit enable
DVSS2
63
G12
Digital ground supply
DVCC2
64
F12
Digital power supply
General-purpose digital I/O
P8.5/UCB1SIMO/UCB1SDA
65
F11
I/O
USCI_B1 SPI slave in/master out; USCI_B1 I2C data
General-purpose digital I/O
P8.6/UCB1SOMI/UCB1SCL
66
G9
I/O
USCI_B1 SPI slave out/master in; USCI_B1 I2C clock
P8.7
67
E12
I/O
General-purpose digital I/O
P9.0
68
E11
I/O
General-purpose digital I/O
P9.1
69
F9
I/O
General-purpose digital I/O
P9.2
70
D12
I/O
General-purpose digital I/O
P9.3
71
D11
I/O
General-purpose digital I/O
P9.4
72
E9
I/O
General-purpose digital I/O
P9.5
73
C12
I/O
General-purpose digital I/O
P9.6
74
C11
I/O
General-purpose digital I/O
P9.7
75
D9
I/O
General-purpose digital I/O
B11
VSSU
76
and
I/O
USB PHY ground supply
B12
General-purpose digital I/O - controlled by USB control register
PU.0/DP
77
A12
I/O
USB data terminal DP
PUR
78
B10
I/O
USB pull-up resistor pin (open drain)
General-purpose digital I/O - controlled by USB control register
PU.1/DM
79
A11
I/O
USB data terminal DM
VBUS
80
A10
I/O
USB LDO input (connect to USB power source)
VUSB
81
A9
I/O
USB LDO output
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com