Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 18Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 19Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 20Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 21Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 22Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 23Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 24Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 25Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 101 page
background image
MSP430F563x
SLAS650A – JUNE 2010 – REVISED JULY 2010
www.ti.com
Universal Serial Communication Interface (USCI)
The USCI modules are used for serial data communication. The USCI module supports synchronous
communication protocols such as SPI (3 or 4 pin) and I2C, and asynchronous communication protocols such as
UART, enhanced UART with automatic baudrate detection, and IrDA. Each USCI module contains two portions,
A and B.
The USCI_An module provides support for SPI (3 or 4 pin), UART, enhanced UART, or IrDA.
The USCI_Bn module provides support for SPI (3 or 4 pin) or I2C.
The MSP430F5638 include two complete USCI modules (n = 0 to 1).
Timer TA0
Timer TA0 is a 16-bit timer/counter (Timer_A type) with five capture/compare registers. It can support multiple
capture/compares, PWM outputs, and interval timing. It also has extensive interrupt capabilities. Interrupts may
be generated from the counter on overflow conditions and from each of the capture/compare registers.
Table 12. Timer TA0 Signal Connections
INPUT PIN NUMBER
DEVICE
MODULE
MODULE
DEVICE
OUTPUT PIN NUMBER
MODULE
INPUT
INPUT
OUTPUT
OUTPUT
BLOCK
PZ
ZQW
PZ
ZQW
SIGNAL
SIGNAL
SIGNAL
SIGNAL
34-P1.0
L5-P1.0
TA0CLK
TACLK
ACLK
ACLK
Timer
NA
NA
SMCLK
SMCLK
34-P1.0
L5-P1.0
TA0CLK
TACLK
35-P1.1
M5-P1.1
TA0.0
CCI0A
35-P1.1
M5-P1.1
DVSS
CCI0B
CCR0
TA0
TA0.0
DVSS
GND
DVCC
VCC
36-P1.2
J6-P1.2
TA0.1
CCI1A
36-P1.2
J6-P1.2
40-P1.6
J7-P1.6
TA0.1
CCI1B
40-P1.6
J7-P1.6
CCR1
TA1
TA0.1
ADC12 (internal) (1)
DVSS
GND
ADC12SHSx = {1}
DVCC
VCC
37-P1.3
H6-P1.3
TA0.2
CCI2A
37-P1.3
H6-P1.3
41-P1.7
M7-P1.7
TA0.2
CCI2B
41-P1.7
M7-P1.7
CCR2
TA2
TA0.2
DVSS
GND
DVCC
VCC
38-P1.4
M6-P1.4
TA0.3
CCI3A
38-P1.4
M6-P1.4
DVSS
CCI3B
CCR3
TA3
TA0.3
DVSS
GND
DVCC
VCC
39-P1.5
L6-P1.5
TA0.4
CCI4A
39-P1.5
L6-P1.5
DVSS
CCI4B
CCR4
TA4
TA0.4
DVSS
GND
DVCC
VCC
(1)
Only on devices with peripheral module ADC12_A.
22
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com