Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5632IPZ Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5632IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5632IPZ Datasheet(HTML) 19 Page - Texas Instruments

Back Button MSP430F5632IPZ Datasheet HTML 15Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 16Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 17Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 18Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 19Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 20Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 21Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 22Page - Texas Instruments MSP430F5632IPZ Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 101 page
background image
MSP430F563x
www.ti.com
SLAS650A – JUNE 2010 – REVISED JULY 2010
Table 9. Default Mapping (continued)
PIN
PxMAPy MNEMONIC
INPUT PIN FUNCTION
OUTPUT PIN FUNCTION
PM_UCA0TXD/PM_UCA0 USCI_A0 UART TXD (direction controlled by USCI - output) / USCI_A0 SPI slave
P2.4/P2MAP4
SIMO
in master out (direction controlled by USCI)
PM_UCA0RXD/PM_UCA0
USCI_A0 UART RXD (direction controlled by USCI - input) / USCI_A0 SPI slave
P2.5/P2MAP5
SOMI
out master in (direction controlled by USCI)
P2.6/P2MAP6
PM_NONE
-
DVSS
P2.7/P2MAP7
PM_NONE
-
DVSS
Oscillator and System Clock
The clock system in the MSP430F563x family of devices is supported by the Unified Clock System (UCS)
module that includes support for a 32 kHz watch crystal oscillator (XT1 LF mode - XT1 HF mode not supported),
an internal very-low-power low-frequency oscillator (VLO), an internal trimmed low-frequency oscillator (REFO),
an integrated internal digitally-controlled oscillator (DCO), and a high-frequency crystal oscillator XT2. The UCS
module is designed to meet the requirements of both low system cost and low-power consumption. The UCS
module features digital frequency locked loop (FLL) hardware that, in conjunction with a digital modulator,
stabilizes the DCO frequency to a programmable multiple of the watch crystal frequency. The internal DCO
provides a fast turn-on clock source and stabilizes in less than 5 µs. The UCS module provides the following
clock signals:
•
Auxiliary clock (ACLK), sourced from a 32 kHz watch crystal (XT1), a high-frequency crystal (XT2), the
internal low-frequency oscillator (VLO), the trimmed low-frequency oscillator (REFO), or the internal
digitally-controlled oscillator DCO.
•
Main clock (MCLK), the system clock used by the CPU. MCLK can be sourced by same sources made
available to ACLK.
•
Sub-Main clock (SMCLK), the subsystem clock used by the peripheral modules. SMCLK can be sourced by
same sources made available to ACLK.
•
ACLK/n, the buffered output of ACLK, ACLK/2, ACLK/4, ACLK/8, ACLK/16, ACLK/32.
Power Management Module (PMM)
The PMM includes an integrated voltage regulator that supplies the core voltage to the device and contains
programmable output levels to provide for power optimization. The PMM also includes supply voltage supervisor
(SVS) and supply voltage monitoring (SVM) circuitry, as well as brownout protection. The brownout circuit is
implemented to provide the proper internal reset signal to the device during power-on and power-off. The
SVS/SVM circuitry detects if the supply voltage drops below a user-selectable level and supports both supply
voltage supervision (the device is automatically reset) and supply voltage monitoring (SVM, the device is not
automatically reset). SVS and SVM circuitry is available on the primary supply and core supply.
Hardware Multiplier
The multiplication operation is supported by a dedicated peripheral module. The module performs operations with
32-bit, 24-bit, 16-bit, and 8-bit operands. The module is capable of supporting signed and unsigned multiplication
as well as signed and unsigned multiply and accumulate operations.
Real-Time Clock (RTC_B)
The RTC_B module can be configured for real-time clock (RTC) and calendar mode providing seconds, minutes,
hours, day of week, day of month, month, and year. Calendar mode integrates an internal calendar which
compensates for months with less than 31 days and includes leap year correction. The RTC_B also supports
flexible alarm functions and offset-calibration hardware. The implementation on this device supports operation in
LPM3.5 mode and operation from a backup supply.
Watchdog Timer (WDT_A)
The primary function of the watchdog timer (WDT_A) module is to perform a controlled system restart after a
software problem occurs. If the selected time interval expires, a system reset is generated. If the watchdog
function is not needed in an application, the module can be configured as an interval timer and can generate
interrupts at selected time intervals.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com