Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C6416 Datasheet(PDF) 20 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 20 Page - Texas Instruments

Back Button C6416 Datasheet HTML 16Page - Texas Instruments C6416 Datasheet HTML 17Page - Texas Instruments C6416 Datasheet HTML 18Page - Texas Instruments C6416 Datasheet HTML 19Page - Texas Instruments C6416 Datasheet HTML 20Page - Texas Instruments C6416 Datasheet HTML 21Page - Texas Instruments C6416 Datasheet HTML 22Page - Texas Instruments C6416 Datasheet HTML 23Page - Texas Instruments C6416 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
20
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 12. McBSP 1 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
0190 0000
DRR1
McBSP1 data receive register via Configuration Bus
The CPU and EDMA controller
can only read this register;
they cannot write to it.
0x3400 0000 − 0x37FF FFFF
DRR1
McBSP1 data receive register via Peripheral Bus
0190 0004
DXR1
McBSP1 data transmit register via Configuration Bus
0x3400 0000 − 0x37FF FFFF
DXR1
McBSP1 data transmit register via Peripheral Bus
0190 0008
SPCR1
McBSP1 serial port control register
0190 000C
RCR1
McBSP1 receive control register
0190 0010
XCR1
McBSP1 transmit control register
0190 0014
SRGR1
McBSP1 sample rate generator register
0190 0018
MCR1
McBSP1 multichannel control register
0190 001C
RCERE01
McBSP1 enhanced receive channel enable register 0
0190 0020
XCERE01
McBSP1 enhanced transmit channel enable register 0
0190 0024
PCR1
McBSP1 pin control register
0190 0028
RCERE11
McBSP1 enhanced receive channel enable register 1
0190 002C
XCERE11
McBSP1 enhanced transmit channel enable register 1
0190 0030
RCERE21
McBSP1 enhanced receive channel enable register 2
0190 0034
XCERE21
McBSP1 enhanced transmit channel enable register 2
0190 0038
RCERE31
McBSP1 enhanced receive channel enable register 3
0190 003C
XCERE31
McBSP1 enhanced transmit channel enable register 3
0190 0040 − 0193 FFFF
–
Reserved
Table 13. McBSP 2 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
COMMENTS
01A4 0000
DRR2
McBSP2 data receive register via Configuration Bus
The CPU and EDMA controller
can only read this register;
they cannot write to it.
0x3800 0000 − 0x3BFF FFFF
DRR2
McBSP2 data receive register via Peripheral Bus
01A4 0004
DXR2
McBSP2 data transmit register via Configuration Bus
0x3800 0000 − 0x3BFF FFFF
DXR2
McBSP2 data transmit register via Peripheral Bus
01A4 0008
SPCR2
McBSP2 serial port control register
01A4 000C
RCR2
McBSP2 receive control register
01A4 0010
XCR2
McBSP2 transmit control register
01A4 0014
SRGR2
McBSP2 sample rate generator register
01A4 0018
MCR2
McBSP2 multichannel control register
01A4 001C
RCERE02
McBSP2 enhanced receive channel enable register 0
01A4 0020
XCERE02
McBSP2 enhanced transmit channel enable register 0
01A4 0024
PCR2
McBSP2 pin control register
01A4 0028
RCERE12
McBSP2 enhanced receive channel enable register 1
01A4 002C
XCERE12
McBSP2 enhanced transmit channel enable register 1
01A4 0030
RCERE22
McBSP2 enhanced receive channel enable register 2
01A4 0034
XCERE22
McBSP2 enhanced transmit channel enable register 2
01A4 0038
RCERE32
McBSP2 enhanced receive channel enable register 3
01A4 003C
XCERE32
McBSP2 enhanced transmit channel enable register 3
01A4 0040 − 01A7 FFFF
–
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com