Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C6416 Datasheet(PDF) 54 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 54 Page - Texas Instruments

Back Button C6416 Datasheet HTML 50Page - Texas Instruments C6416 Datasheet HTML 51Page - Texas Instruments C6416 Datasheet HTML 52Page - Texas Instruments C6416 Datasheet HTML 53Page - Texas Instruments C6416 Datasheet HTML 54Page - Texas Instruments C6416 Datasheet HTML 55Page - Texas Instruments C6416 Datasheet HTML 56Page - Texas Instruments C6416 Datasheet HTML 57Page - Texas Instruments C6416 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
54
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
TYPE†
IPD/
‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
UTOPIA SLAVE (ATM CONTROLLER) − RECEIVE INTERFACE (CONTINUED)
URDATA7Y
AA10
URDATA6Y
V12
URDATA5Y
W12
8-bit Receive Data Bus.
Using the Receive Data Bus, the UTOPIA Slave (on the rising edge of the URCLK) can receive
URDATA4Y
W11
I
h
8-bit Receive Data Bus.
Using the Receive Data Bus, the UTOPIA Slave (on the rising edge of the URCLK) can receive
the 8-bit ATM cell data from the Master ATM Controller.
URDATA3Y
Y11
I
h
the 8-bit ATM cell data from the Master ATM Controller.
When the UTOPIA peripheral is disabled (UTOPIA_EN [BEA11 pin] = 0), these pins are tied-
URDATA2Y
AB9
When the UTOPIA peripheral is disabled (UTOPIA_EN [BEA11 pin] = 0), these pins are tied-
off.
URDATA1Y
Y13
off.
URDATA0Y
AA12
RESERVED FOR TEST
C4
H5
RSV
H3
Reserved (leave unconnected, do not connect to power or ground)
RSV
N3
Reserved (leave unconnected, do not connect to power or ground)
P3
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
hExternal pulldowns required: If UTOPIA is selected (BEA11 = 1) and these pins are connected to other devices, then a 10-kΩ resistor must be
used to externally pull down each of these pins. If these pins are “no connects”, then only UXCLK and URCLK need to be pulled down and other
pulldowns are not necessary.
ΨThe C6414 device does not support the UTOPIA peripheral; therefore, these standalone UTOPIA pins are Reserved (leave unconnected, do
not connect to power or ground) with the exception of UXCLK and URCLK which should be connected to a 10-k
Ω pulldown resistor (see the
square [
h] footnote).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com