| Electronic Components Datasheet Search |
|
C6416 Datasheet(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
C6416 Datasheet(HTML) 30 Page - Texas Instruments |
|
30 / 134 page ![]() SMJ320C6414, SMJ320C6415, SMJ320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SGUS050A − JANUARY 2004 − REVISED MARCH 2004 30 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 signal groups description TRST GP7/EXT_INT7‡ IEEE Standard 1149.1 (JTAG) Emulation Reserved Reset and Interrupts Control/Status TDI TDO TMS TCK EMU0 EMU1 NMI GP6/EXT_INT6‡ GP5/EXT_INT5‡ GP4/EXT_INT4‡ RESET RSV RSV RSV RSV Clock/PLL CLKIN CLKMODE1 CLKMODE0 PLLV EMU2 EMU3 EMU4 EMU5 RSV GPIO General-Purpose Input/Output (GPIO) Port GP7/EXT_INT7‡ GP6/EXT_INT6‡ GP5/EXT_INT5‡ GP4/EXT_INT4‡ GP3 CLKOUT6/GP2† CLKOUT4/GP1† GP0 CLKOUT6/GP2† CLKOUT4/GP1† EMU6 EMU7 EMU8 EMU9 EMU10 GP15/PRST§ GP14/PCLK§ GP13/PINTA§ GP12/PGNT§ GP11/PREQ§ GP10/PCBE3§ GP9/PIDSEL§ CLKS2/GP8† These pins are MUXed with the GPIO port pins and by default these signals function as clocks (CLKOUT4 or CLKOUT6) or McBSP2 clock source (CLKS2). To use these MUXed pins as GPIO signals, the appropriate GPIO register bits (GPxEN and GPxDIR) must be properly enabled and configured. For more details, see the Device Configurations section of this data sheet. † These pins are GPIO pins that can also function as external interrupt sources (EXT_INT[7:4]). Default after reset is EXT_INTx or GPIO as input-only. ‡ RSV EMU11 RSV RSV RSV • • • Peripheral Control/Status PCI_EN MCBSP2_EN For the C6415 and C6416 devices, these GPIO pins are MUXed with the PCI peripheral pins. By default, these signals are set up to no function with both the GPIO and PCI pin functions disabled. For more details on these MUXed pins, see the Device Configurations section of this data sheet. For the C6414 device, the GPIO peripheral pins are not MUXed; the C6414 device does not support the PCI peripheral. § Figure 2. CPU and Peripheral Signals |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |