| Electronic Components Datasheet Search |
|
C6416 Datasheet(PDF) 90 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
C6416 Datasheet(HTML) 90 Page - Texas Instruments |
|
90 / 134 page ![]() SMJ320C6414, SMJ320C6415, SMJ320C6416 FIXEDPOINT DIGITAL SIGNAL PROCESSORS SGUS050A − JANUARY 2004 − REVISED MARCH 2004 90 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 PROGRAMMABLE SYNCHRONOUS INTERFACE TIMING (CONTINUED) ECLKOUTx CEx ABE[7:0] or BBE[1:0] AEA[22:3] or BEA[20:1] AED[63:0] or BED[15:0] ARE/SDCAS/SADS/SRE§ AOE/SDRAS/SOE§ AWE/SDWE/SWE§ BE1 BE2 BE3 BE4 Q1 Q2 Q3 Q4 9 1 4 5 8 9 6 7 3 1 2 BE1 BE2 BE3 BE4 EA1 EA2 EA4 8 READ latency = 2 EA3 † These C64x devices have two EMIFs (EMIFA and EMIFB). All EMIFA signals are prefixed by an “A” and all EMIFB signals are prefixed by a “B”. Throughout the rest of this document, in generic EMIF areas of discussion, the prefix “A” or “B” may be omitted [e.g., the programmable synchronous interface access signals are shown as generic (SADS/SRE, SOE, and SWE) instead of ASADS/ASRE, ASOE, and ASWE (for EMIFA) and BSADS/BSRE, BSOE, and BSWE (for EMIFB)]. ‡ The read latency and the length of CEx assertion are programmable via the SYNCRL and CEEXT fields, respectively, in the EMIFx CE Space Secondary Control register (CExSEC). In this figure, SYNCRL = 2 and CEEXT = 0. § The following parameters are programmable via the EMIF CE Space Secondary Control register (CExSEC): − Read latency (SYNCRL): 0-, 1-, 2-, or 3-cycle read latency − Write latency (SYNCWL): 0-, 1-, 2-, or 3-cycle write latency − CEx assertion length (CEEXT): For standard SBSRAM or ZBT SRAM interface, CEx goes inactive after the final command has been issued (CEEXT = 0). For synchronous FIFO interface with glue, CEx is active when SOE is active (CEEXT = 1). − Function of SADS/SRE (RENEN): For standard SBSRAM or ZBT SRAM interface, SADS/SRE acts as SADS with deselect cycles (RENEN = 0). For FIFO interface, SADS/SRE acts as SRE with NO deselect cycles (RENEN = 1). − Synchronization clock (SNCCLK): Synchronized to ECLKOUT1 or ECLKOUT2 ¶ ARE/SDCAS/SADS/SRE, AOE/SDRAS/SOE, and AWE/SDWE/SWE operate as SADS/SRE, SOE, and SWE, respectively, during programmable synchronous interface accesses. Figure 24. Programmable Synchronous Interface Read Timing for EMIFA and EMIFB (With Read Latency = 2)†‡§ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |