Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C6416 Datasheet(PDF) 50 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 50 Page - Texas Instruments

Back Button C6416 Datasheet HTML 46Page - Texas Instruments C6416 Datasheet HTML 47Page - Texas Instruments C6416 Datasheet HTML 48Page - Texas Instruments C6416 Datasheet HTML 49Page - Texas Instruments C6416 Datasheet HTML 50Page - Texas Instruments C6416 Datasheet HTML 51Page - Texas Instruments C6416 Datasheet HTML 52Page - Texas Instruments C6416 Datasheet HTML 53Page - Texas Instruments C6416 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
50
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
TYPE†
IPD/
‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
EMIFB (16-bit) − DATA||k
BED15
F8
BED14
J10
BED13
D7
BED12
C5
BED11
H10
BED10
G9
BED9
C6
BED8
E8
I/O/Z
IPU
EMIFB external data
BED7
E9
I/O/Z
IPU
EMIFB external data
BED6
F9
BED5
G10
BED4
J11
BED3
D9
BED2
D8
BED1
H11
BED0
F10
MULTICHANNEL BUFFERED SERIAL PORT 2 (McBSP2)
MCBSP2_EN
AB4
I
IPD
McBSP2 enable pin. This pin works in conjunction with the PCI_EN pin to enable/disable other
peripherals (for more details, see the Device Configurations section of this data sheet).
CLKS2/GP8§
W7
I/O/Z
IPD
McBSP2 external clock source (CLKS2) [input only] [default] or this pin can also be
programmed as a GPIO 8 pin (I/O/Z).
CLKR2
W4
I/O/Z
IPD
McBSP2 receive clock. When McBSP2 is disabled (PCI_EN = 1 and MCBSP2_EN pin = 0),
this pin is tied-off.
CLKX2/
XSP_CLK§
W5
I/O/Z
IPD
McBSP2 transmit clock (I/O/Z) [default] or PCI serial interface clock (O).
DR2/XSP_DI§
Y4
I
IPU
McBSP2 receive data (I) [default] or PCI serial interface data in (I). In PCI mode, this pin is
connected to the output data pin of the serial PROM.
DX2/XSP_DO§
R9
O/Z
IPU
McBSP2 transmit data (O/Z) [default] or PCI serial interface data out (O). In PCI mode, this pin
is connected to the input data pin of the serial PROM.
FSR2
V6
I/O/Z
IPD
McBSP2 receive frame sync. When McBSP2 is disabled (PCI_EN = 1 and MCBSP2_EN pin
= 0), this pin is tied-off.
FSX2
U7
I/O/Z
IPD
McBSP2 transmit frame sync. When McBSP2 is disabled (PCI_EN = 1 and MCBSP2_EN pin
= 0), this pin is tied-off.
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
§ For the C6415 and C6416 devices, these pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.
The C6414 device does not support the PCI or UTOPIA peripherals; therefore, these MUXed peripheral pins except CLKS2/GP8 are standalone
peripheral functions for this device.
|| These C64x devices have two EMIFs (64-bit EMIFA and 16-bit EMIFB). The prefix “A” in front of a signal name indicates it is an EMIFA signal
whereas a prefix “B” in front of a signal name indicates it is an EMIFB signal. Throughout the rest of this document, in generic EMIF areas of
discussion, the prefix “A” or “B” may be omitted from the signal name.
kTo maintain signal integrity for the EMIF signals, serial termination resistors should be inserted into all EMIF output signal lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com