Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 33 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 33 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 29Page - Winbond W25Q128FVCIP Datasheet HTML 30Page - Winbond W25Q128FVCIP Datasheet HTML 31Page - Winbond W25Q128FVCIP Datasheet HTML 32Page - Winbond W25Q128FVCIP Datasheet HTML 33Page - Winbond W25Q128FVCIP Datasheet HTML 34Page - Winbond W25Q128FVCIP Datasheet HTML 35Page - Winbond W25Q128FVCIP Datasheet HTML 36Page - Winbond W25Q128FVCIP Datasheet HTML 37Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 32 -
Revision D
The W25Q128FV is also backward compatible to Winbond’s previous generations of serial flash
memories, in which the Status Register-1&2 can be written using a single “Write Status Register-1 (01h)”
command. To complete the Write Status Register-1&2 instruction, the /CS pin must be driven high after
the sixteenth bit of data that is clocked in as shown in Figure 9c & 9d. If /CS is driven high after the eighth
clock, the Write Status Register-1 (01h) instruction will only program the Status Register-1, the Status
Register-2 will not be affected (Previous generations will clear CMP and QE bits).
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (01h)
High Impedance
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
7
6
5
4
3
2
1
0
15
14
13
12
11
10
9
8
Status Register 1 in
Status Register 2 in
Mode 0
Mode 3
**
= MSB
*
Figure 9c. Write Status Register-1/2 Instruction (SPI Mode)
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
01h
2
3
4
5
4
0
12
8
5
1
6
2
7
3
13
9
14
10
15
11
SR1 in
SR2 in
Mode 0
Mode 3
Instruction
Figure 9d. Write Status Register-1/2 Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com