Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 79 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 79 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 75Page - Winbond W25Q128FVCIP Datasheet HTML 76Page - Winbond W25Q128FVCIP Datasheet HTML 77Page - Winbond W25Q128FVCIP Datasheet HTML 78Page - Winbond W25Q128FVCIP Datasheet HTML 79Page - Winbond W25Q128FVCIP Datasheet HTML 80Page - Winbond W25Q128FVCIP Datasheet HTML 81Page - Winbond W25Q128FVCIP Datasheet HTML 82Page - Winbond W25Q128FVCIP Datasheet HTML 83Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 78 -
Revision D
8.2.43 Enable Reset (66h) and Reset Device (99h)
Because of the small package and the limitation on the number of pins, the W25Q128FV provide a
software Reset instruction instead of a dedicated RESET pin. Once the Reset instruction is accepted, any
on-going internal operations will be terminated and the device will return to its default power-on state and
lose all the current volatile settings, such as Volatile Status Register bits, Write Enable Latch (WEL)
status, Program/Erase Suspend status, Read parameter setting (P7-P0), Continuous Read Mode bit
setting (M7-M0) and Wrap Bit setting (W6-W4).
“Enable Reset (66h)” and “Reset (99h)” instructions can be issued in either SPI mode or QPI mode. To
avoid accidental reset, both instructions must be issued in sequence. Any other commands other than
“Reset (99h)” after the “Enable Reset (66h)” command will disable the “Reset Enable” state. A new
sequence of “Enable Reset (66h)” and “Reset (99h)” is needed to reset the device. Once the Reset
command is accepted by the device, the device will take approximately tRST=30us to reset. During this
period, no command will be accepted.
Data corruption may happen if there is an on-going or suspended internal Erase or Program operation
when Reset command sequence is accepted by the device. It is recommended to check the BUSY bit and
the SUS bit in Status Register before issuing the Reset command sequence.
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (99h)
Mode 0
Mode 3
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (66h)
High Impedance
Figure 57a. Enable Reset and Reset Instruction Sequence (SPI Mode)
Mode 0
Mode 3
0
1
99h
Instruction
Mode 0
Mode 3
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
66h
Instruction
Figure 57b. Enable Reset and Reset Instruction Sequence (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com