Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 20 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 20 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 16Page - Winbond W25Q128FVCIP Datasheet HTML 17Page - Winbond W25Q128FVCIP Datasheet HTML 18Page - Winbond W25Q128FVCIP Datasheet HTML 19Page - Winbond W25Q128FVCIP Datasheet HTML 20Page - Winbond W25Q128FVCIP Datasheet HTML 21Page - Winbond W25Q128FVCIP Datasheet HTML 22Page - Winbond W25Q128FVCIP Datasheet HTML 23Page - Winbond W25Q128FVCIP Datasheet HTML 24Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 97 page
background image
W25Q128FV
- 19 -
Figure 4c. Status Register-3
7.1.11 Write Protect Selection (WPS) – Volatile/Non-Volatile Writable
The WPS bit is used to select which Write Protect scheme should be used. When WPS=0, the device will
use the combination of CMP, SEC, TB, BP[2:0] bits to protect a specific area of the memory array. When
WPS=1, the device will utilize the Individual Block Locks to protect any individual sector or blocks. The
default value for all Individual Block Lock bits is 1 upon device power on or after reset.
7.1.12 Output Driver Strength (DRV1, DRV0) – Volatile/Non-Volatile Writable
The DRV1 & DRV0 bits are used to determine the output driver strength for the Read operations.
DRV1, DRV0
Driver Strength
0, 0
100%
0, 1
75%
1, 0
50%
1, 1
25% (default setting)
7.1.13 /HOLD or /RESET Pin Function (HOLD/RST) – Volatile/Non-Volatile Writable
The HOLD/RST bit is used to determine whether /HOLD or /RESET function should be implemented on
the hardware pin for 8-pin packages. When HOLD/RST=0 (factory default), the pin acts as /HOLD; when
HOLD/RST=1, the pin acts as /RESET. However, /HOLD or /RESET functions are only available when
QE=0. If QE is set to 1, the /HOLD and /RESET functions are disabled, the pin acts as a dedicated data
I/O pin.
7.1.14 Reserved Bits – Non Functional
There are a few reserved Status Register bits that may be read out as a “0” or “1”. It is recommended to
ignore the values of those bits. During a “Write Status Register” instruction, the Reserved Bits can be
written as “0”, but there will not be any effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com