Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 6 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 6 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 2Page - Winbond W25Q128FVCIP Datasheet HTML 3Page - Winbond W25Q128FVCIP Datasheet HTML 4Page - Winbond W25Q128FVCIP Datasheet HTML 5Page - Winbond W25Q128FVCIP Datasheet HTML 6Page - Winbond W25Q128FVCIP Datasheet HTML 7Page - Winbond W25Q128FVCIP Datasheet HTML 8Page - Winbond W25Q128FVCIP Datasheet HTML 9Page - Winbond W25Q128FVCIP Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
W25Q128FV
- 5 -
1. GENERAL DESCRIPTIONS
The W25Q128FV (128M-bit) Serial Flash memory provides a storage solution for systems with limited
space, pins and power. The 25Q series offers flexibility and performance well beyond ordinary Serial Flash
devices. They are ideal for code shadowing to RAM, executing code directly from Dual/Quad SPI (XIP)
and storing voice, text and data. The device operates on a single 2.7V to 3.6V power supply with current
consumption as low as 4mA active and 1µA for power-down. All devices are offered in space-saving
packages.
The W25Q128FV array is organized into 65,536 programmable pages of 256-bytes each. Up to 256 bytes
can be programmed at a time. Pages can be erased in groups of 16 (4KB sector erase), groups of 128
(32KB block erase), groups of 256 (64KB block erase) or the entire chip (chip erase). The W25Q128FV
has 4,096 erasable sectors and 256 erasable blocks respectively. The small 4KB sectors allow for greater
flexibility in applications that require data and parameter storage. (See Figure 2.)
The W25Q128FV support the standard Serial Peripheral Interface (SPI), Dual/Quad I/O SPI as well as 2-
clocks instruction cycle Quad Peripheral Interface (QPI): Serial Clock, Chip Select, Serial Data I/O0 (DI),
I/O1 (DO), I/O2 (/WP), and I/O3 (/HOLD). SPI clock frequencies of up to 104MHz are supported allowing
equivalent clock rates of 208MHz (104MHz x 2) for Dual I/O and 416MHz (104MHz x 4) for Quad I/O when
using the Fast Read Dual/Quad I/O and QPI instructions. These transfer rates can outperform standard
Asynchronous 8 and 16-bit Parallel Flash memories. The Continuous Read Mode allows for efficient
memory access with as few as 8-clocks of instruction-overhead to read a 24-bit address, allowing true XIP
(execute in place) operation.
A Hold pin, Write Protect pin and programmable write protection, with top or bottom array control, provide
further control flexibility. Additionally, the device supports JEDEC standard manufacturer and device ID
and SFDP Register, a 64-bit Unique Serial Number and three 256-bytes Security Registers.
2. FEATURES
• New Family of SpiFlash Memories
– W25Q128FV: 128M-bit / 16M-byte
– Standard SPI: CLK, /CS, DI, DO, /WP, /Hold
– Dual SPI: CLK, /CS, IO0, IO1, /WP, /Hold
– Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3
– QPI: CLK, /CS, IO0, IO1, IO2, IO3
– Software & Hardware Reset
• Highest Performance Serial Flash
– 104MHz Single, Dual/Quad SPI clocks
– 208/416MHz equivalent Dual/Quad SPI
– 50MB/S continuous data transfer rate
– More than 100,000 erase/program cycles
– More than 20-year data retention
• Efficient “Continuous Read” and QPI Mode
– Continuous Read with 8/16/32/64-Byte Wrap
– As few as 8 clocks to address memory
– Quad Peripheral Interface (QPI) reduces
instruction overhead
– Allows true XIP (execute in place) operation
– Outperforms X16 Parallel Flash
• Low Power, Wide Temperature Range
– Single 2.7 to 3.6V supply
– 4mA active current, <1µA Power-down (typ.)
– -40°C to +85°C operating range
• Flexible Architecture with 4KB sectors
– Uniform Sector/Block Erase (4K/32K/64K-Byte)
– Program 1 to 256 byte per programmable page
– Erase/Program Suspend & Resume
• Advanced Security Features
– Software and Hardware Write-Protect
– Power Supply Lock-Down and OTP protection
– Top/Bottom, Complement array protection
– Individual Block/Sector array protection
– 64-Bit Unique ID for each device
– Discoverable Parameters (SFDP) Register
– 3X256-Bytes Security Registers with OTP locks
– Volatile & Non-volatile Status Register Bits
• Space Efficient Packaging
– 8-pin SOIC / VSOP 208-mil
– 8-pin PDIP 300-mil
– 8-pad WSON 6x5-mm / 8x6-mm
– 16-pin SOIC 300-mil (additional /RESET pin)
– 24-ball TFBGA 8x6-mm
– Contact Winbond for KGD and other options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com