Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 34 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 34 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 30Page - Winbond W25Q128FVCIP Datasheet HTML 31Page - Winbond W25Q128FVCIP Datasheet HTML 32Page - Winbond W25Q128FVCIP Datasheet HTML 33Page - Winbond W25Q128FVCIP Datasheet HTML 34Page - Winbond W25Q128FVCIP Datasheet HTML 35Page - Winbond W25Q128FVCIP Datasheet HTML 36Page - Winbond W25Q128FVCIP Datasheet HTML 37Page - Winbond W25Q128FVCIP Datasheet HTML 38Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 97 page
background image
W25Q128FV
- 33 -
1
8.2.6
Read Data (03h)
The Read Data instruction allows one or more data bytes to be sequentially read from the memory. The
instruction is initiated by driving the /CS pin low and then shifting the instruction code “03h” followed by a
24-bit address (A23-A0) into the DI pin. The code and address bits are latched on the rising edge of the
CLK pin. After the address is received, the data byte of the addressed memory location will be shifted out
on the DO pin at the falling edge of CLK with most significant bit (MSB) first. The address is automatically
incremented to the next higher address after each byte of data is shifted out allowing for a continuous
stream of data. This means that the entire memory can be accessed with a single instruction as long as
the clock continues. The instruction is completed by driving /CS high.
The Read Data instruction sequence is shown in Figure 14. If a Read Data instruction is issued while an
Erase, Program or Write cycle is in process (BUSY=1) the instruction is ignored and will not have any
effects on the current cycle. The Read Data instruction allows clock rates from D.C. to a maximum of fR
(see AC Electrical Characteristics).
The Read Data (03h) instruction is only supported in Standard SPI mode.
/CS
CLK
DI
(IO
0)
DO
(IO )
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (03h)
High Impedance
8
9
10
28
29
30
31
32
33
34
35
36
37
38
39
7
6
5
4
3
2
1
0
7
24-Bit Address
23
22
21
3
2
1
0
Data Out 1
*
*
= MSB
*
Figure 14. Read Data Instruction (SPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com