Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 95 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 95 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 89Page - Winbond W25Q128FVCIP Datasheet HTML 90Page - Winbond W25Q128FVCIP Datasheet HTML 91Page - Winbond W25Q128FVCIP Datasheet HTML 92Page - Winbond W25Q128FVCIP Datasheet HTML 93Page - Winbond W25Q128FVCIP Datasheet HTML 94Page - Winbond W25Q128FVCIP Datasheet HTML 95Page - Winbond W25Q128FVCIP Datasheet HTML 96Page - Winbond W25Q128FVCIP Datasheet HTML 97Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 95 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 94 -
Revision D
11. ORDERING INFORMATION
W(1) 25Q 128F V x I(1)
(2,3)
G =
Green Package (Lead-free, RoHS Compliant, Halogen-free (TBBA), Antimony-Oxide-free Sb2O3)
P
=
Green Package with Status Register Power-Down & OTP enabled
Q =
Green Package with QE=1 in Status Register-2
I = Industrial (-40°C to +85°C)
S = 8-pin SOIC 208-mil
T = 8-pin VSOP 208-mil
A = 8-pin PDIP 300-mil
F = 16-pin SOIC 300-mil
P = WSON8 6x5-mm
E = WSON8 8x6-mm
B = TFBGA 8x6-mm (5x5-1 ball array)
C = TFBGA 8x6-mm (6x4 ball array)
V = 2.7V to 3.6V
128F = 128M-bit
25Q = SpiFlash Serial Flash Memory with 4KB sectors, Dual/Quad I/O
W = Winbond
Notes:
1.
The “W” prefix and the Temperature designator “I” are not included on the part marking.
2.
Standard bulk shipments are in Tube (shape E). Please specify alternate packing method, such as Tape and
Reel (shape T) or Tray (shape S), when placing orders.
3.
For shipments with OTP feature enabled, please specify when placing orders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com