Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 27 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 27 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 23Page - Winbond W25Q128FVCIP Datasheet HTML 24Page - Winbond W25Q128FVCIP Datasheet HTML 25Page - Winbond W25Q128FVCIP Datasheet HTML 26Page - Winbond W25Q128FVCIP Datasheet HTML 27Page - Winbond W25Q128FVCIP Datasheet HTML 28Page - Winbond W25Q128FVCIP Datasheet HTML 29Page - Winbond W25Q128FVCIP Datasheet HTML 30Page - Winbond W25Q128FVCIP Datasheet HTML 31Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 26 -
Revision D
8.1.4
Instruction Set Table 3 (QPI Instructions)(14)
Data Input Output
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Clock Number
(0, 1)
(2, 3)
(4, 5)
(6, 7)
(8, 9)
(10, 11)
Write Enable
06h
Volatile SR Write Enable
50h
Write Disable
04h
Read Status Register-1
05h
(S7-S0)
(2)
Write Status Register-1
(4)
01h
(S7-S0)
(4)
Read Status Register-2
35h
(S15-S8)
(2)
Write Status Register-2
31h
(S15-S8)
Read Status Register-3
15h
(S23-S16)
(2)
Write Status Register-3
11h
(S23-S16)
Chip Erase
C7h/60h
Erase / Program Suspend
75h
Erase / Program Resume
7Ah
Power-down
B9h
Set Read Parameters
C0h
P7-P0
Release Powerdown / ID
ABh
Dummy
Dummy
Dummy
(ID7-ID0)
(2)
Manufacturer/Device ID
90h
Dummy
Dummy
00h
(MF7-MF0)
(ID7-ID0)
JEDEC ID
9Fh
(MF7-MF0)
(ID15-ID8)
(ID7-ID0)
Global Block Lock
7Eh
Global Block Unlock
98h
Exit QPI Mode
FFh
Enable Reset
66h
Reset Device
99h
Page Program
02h
A23-A16
A15-A8
A7-A0
D7-D0
(9)
D7-D0
(3)
Sector Erase (4KB)
20h
A23-A16
A15-A8
A7-A0
Block Erase (32KB)
52h
A23-A16
A15-A8
A7-A0
Block Erase (64KB)
D8h
A23-A16
A15-A8
A7-A0
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
Dummy
(15)
(D7-D0)
Burst Read with Wrap
(16)
0Ch
A23-A16
A15-A8
A7-A0
Dummy
(15)
(D7-D0)
Fast Read Quad I/O
EBh
A23-A16
A15-A8
A7-A0
M7-M0
(15)
(D7-D0)
Individual Block Lock
36h
A23-A16
A15-A8
A7-A0
Individual Block Unlock
39h
A23-A16
A15-A8
A7-A0
Read Block Lock
3Dh
A23-A16
A15-A8
A7-A0
(L7-L0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com