Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 70 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 70 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 66Page - Winbond W25Q128FVCIP Datasheet HTML 67Page - Winbond W25Q128FVCIP Datasheet HTML 68Page - Winbond W25Q128FVCIP Datasheet HTML 69Page - Winbond W25Q128FVCIP Datasheet HTML 70Page - Winbond W25Q128FVCIP Datasheet HTML 71Page - Winbond W25Q128FVCIP Datasheet HTML 72Page - Winbond W25Q128FVCIP Datasheet HTML 73Page - Winbond W25Q128FVCIP Datasheet HTML 74Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 97 page
background image
W25Q128FV
- 69 -
8.2.33 Read Security Registers (48h)
The Read Security Register instruction is similar to the Fast Read instruction and allows one or more data
bytes to be sequentially read from one of the four security registers. The instruction is initiated by driving
the /CS pin low and then shifting the instruction code “48h” followed by a 24-bit address (A23-A0) and
eight “dummy” clocks into the DI pin. The code and address bits are latched on the rising edge of the CLK
pin. After the address is received, the data byte of the addressed memory location will be shifted out on
the DO pin at the falling edge of CLK with most significant bit (MSB) first. The byte address is
automatically incremented to the next byte address after each byte of data is shifted out. Once the byte
address reaches the last byte of the register (byte address FFh), it will reset to address 00h, the first byte
of the register, and continue to increment. The instruction is completed by driving /CS high. The Read
Security Register instruction sequence is shown in Figure 47. If a Read Security Register instruction is
issued while an Erase, Program or Write cycle is in process (BUSY=1) the instruction is ignored and will
not have any effects on the current cycle. The Read Security Register instruction allows clock rates from
D.C. to a maximum of FR (see AC Electrical Characteristics).
ADDRESS
A23-16
A15-12
A11-8
A7-0
Security Register #1
00h
0 0 0 1
0 0 0 0
Byte Address
Security Register #2
00h
0 0 1 0
0 0 0 0
Byte Address
Security Register #3
00h
0 0 1 1
0 0 0 0
Byte Address
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (48h)
High Impedance
8
9
10
28
29
30
31
24-Bit Address
23
22
21
3
2
1
0
Data Out 1
*
/CS
CLK
DI
(IO
0)
DO
(IO
1)
32
33
34
35
36
37
38
39
Dummy Byte
High Impedance
40
41
42
44
45
46
47
48
49
50
51
52
53
54
55
7
6
5
4
3
2
1
0
7
Data Out 2
*
7
6
5
4
3
2
1
0
*
7
6
5
4
3
2
1
0
43
31
0
= MSB
*
Figure 47. Read Security Registers Instruction (SPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com