Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 80 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 80 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 76Page - Winbond W25Q128FVCIP Datasheet HTML 77Page - Winbond W25Q128FVCIP Datasheet HTML 78Page - Winbond W25Q128FVCIP Datasheet HTML 79Page - Winbond W25Q128FVCIP Datasheet HTML 80Page - Winbond W25Q128FVCIP Datasheet HTML 81Page - Winbond W25Q128FVCIP Datasheet HTML 82Page - Winbond W25Q128FVCIP Datasheet HTML 83Page - Winbond W25Q128FVCIP Datasheet HTML 84Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 97 page
background image
W25Q128FV
- 79 -
9.
ELECTRICAL CHARACTERISTICS
9.1 Absolute Maximum Ratings (1)
PARAMETERS
SYMBOL
CONDITIONS
RANGE
UNIT
Supply Voltage
VCC
–0.6 to VCC+0.4
V
Voltage Applied to Any Pin
VIO
Relative to Ground
–0.6 to VCC+0.4
V
Transient Voltage on any Pin
VIOT
<20nS Transient
Relative to Ground
–2.0V to VCC+2.0V
V
Storage Temperature
TSTG
–65 to +150
°C
Lead Temperature
TLEAD
See Note (2)
°C
Electrostatic Discharge Voltage
VESD
Human Body Model(3)
–2000 to +2000
V
Notes:
1. This device has been designed and tested for the specified operation ranges. Proper operation outside
of these levels is not guaranteed. Exposure to absolute maximum ratings may affect device reliability.
Exposure beyond absolute maximum ratings may cause permanent damage.
2. Compliant with JEDEC Standard J-STD-20C for small body Sn-Pb or Pb-free (Green) assembly and the
European directive on restrictions on hazardous substances (RoHS) 2002/95/EU.
3. JEDEC Std JESD22-A114A (C1=100pF, R1=1500 ohms, R2=500 ohms).
9.2 Operating Ranges
PARAMETER
SYMBOL
CONDITIONS
SPEC
UNIT
MIN
MAX
Supply Voltage
VCC
FR = 104MHz,
fR = 50MHz
2.7
3.6
V
Ambient Temperature,
Operating
TA
Industrial
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com