Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 76 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 76 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 72Page - Winbond W25Q128FVCIP Datasheet HTML 73Page - Winbond W25Q128FVCIP Datasheet HTML 74Page - Winbond W25Q128FVCIP Datasheet HTML 75Page - Winbond W25Q128FVCIP Datasheet HTML 76Page - Winbond W25Q128FVCIP Datasheet HTML 77Page - Winbond W25Q128FVCIP Datasheet HTML 78Page - Winbond W25Q128FVCIP Datasheet HTML 79Page - Winbond W25Q128FVCIP Datasheet HTML 80Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 97 page
background image
W25Q128FV
- 75 -
8.2.39 Individual Block/Sector Unlock (39h)
The Individual Block/Sector Lock provides an alternative way to protect the memory array from adverse
Erase/Program. In order to use the Individual Block/Sector Locks, the WPS bit in Status Register-3 must
be set to 1. If WPS=0, the write protection will be determined by the combination of CMP, SEC, TB,
BP[2:0] bits in the Status Registers. The Individual Block/Sector Lock bits are volatile bits. The default
values after device power up or after a Reset are 1, so the entire memory array is being protected.
To unlock a specific block or sector as illustrated in Figure 4d, an Individual Block/Sector Unlock
command must be issued by driving /CS low, shifting the instruction code “39h” into the Data Input (DI) pin
on the rising edge of CLK, followed by a 24-bit address and then driving /CS high. A Write Enable
instruction must be executed before the device will accept the Individual Block/Sector Unlock Instruction
(Status Register bit WEL= 1).
Figure 53a. Individual Block Unlock Instruction (SPI Mode)
Figure 53b. Individual Block Unlock Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com