Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 56 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 56 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 52Page - Winbond W25Q128FVCIP Datasheet HTML 53Page - Winbond W25Q128FVCIP Datasheet HTML 54Page - Winbond W25Q128FVCIP Datasheet HTML 55Page - Winbond W25Q128FVCIP Datasheet HTML 56Page - Winbond W25Q128FVCIP Datasheet HTML 57Page - Winbond W25Q128FVCIP Datasheet HTML 58Page - Winbond W25Q128FVCIP Datasheet HTML 59Page - Winbond W25Q128FVCIP Datasheet HTML 60Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 97 page
background image
W25Q128FV
- 55 -
8.2.21 Erase / Program Suspend (75h)
The Erase/Program Suspend instruction “75h”, allows the system to interrupt a Sector or Block Erase
operation or a Page Program operation and then read from or program/erase data to, any other sectors or
blocks. The Erase/Program Suspend instruction sequence is shown in Figure 35a & 35b.
The Write Status Register instruction (01h) and Erase instructions (20h, 52h, D8h, C7h, 60h, 44h) are not
allowed during Erase Suspend. Erase Suspend is valid only during the Sector or Block erase operation. If
written during the Chip Erase operation, the Erase Suspend instruction is ignored. The Write Status
Register instructions (01h, 31h, 11h) and Program instructions (02h, 32h, 42h) are not allowed during
Program Suspend. Program Suspend is valid only during the Page Program or Quad Page Program
operation.
The Erase/Program Suspend instruction “75h” will be accepted by the device only if the SUS bit in the
Status Register equals to 0 and the BUSY bit equals to 1 while a Sector or Block Erase or a Page
Program operation is on-going. If the SUS bit equals to 1 or the BUSY bit equals to 0, the Suspend
instruction will be ignored by the device. A maximum of time of “tSUS” (See AC Characteristics) is required
to suspend the erase or program operation. The BUSY bit in the Status Register will be cleared from 1 to
0 within “tSUS” and the SUS bit in the Status Register will be set from 0 to 1 immediately after
Erase/Program Suspend. For a previously resumed Erase/Program operation, it is also required that the
Suspend instruction “75h” is not issued earlier than a minimum of time of “tSUS” following the preceding
Resume instruction “7Ah”.
Unexpected power off during the Erase/Program suspend state will reset the device and release the
suspend state. SUS bit in the Status Register will also reset to 0. The data within the page, sector or block
that was being suspended may become corrupted. It is recommended for the user to implement system
design techniques against the accidental power interruption and preserve data integrity during
erase/program suspend state.
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (75h)
High Impedance
Mode 0
Mode 3
tSUS
Accept instructions
Figure 35a. Erase/Program Suspend Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com