Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 55 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 55 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 51Page - Winbond W25Q128FVCIP Datasheet HTML 52Page - Winbond W25Q128FVCIP Datasheet HTML 53Page - Winbond W25Q128FVCIP Datasheet HTML 54Page - Winbond W25Q128FVCIP Datasheet HTML 55Page - Winbond W25Q128FVCIP Datasheet HTML 56Page - Winbond W25Q128FVCIP Datasheet HTML 57Page - Winbond W25Q128FVCIP Datasheet HTML 58Page - Winbond W25Q128FVCIP Datasheet HTML 59Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 54 -
Revision D
DO
(IO
1)
8.2.20 Chip Erase (C7h / 60h)
The Chip Erase instruction sets all memory within the device to the erased state of all 1s (FFh). A Write
Enable instruction must be executed before the device will accept the Chip Erase Instruction (Status
Register bit WEL must equal 1). The instruction is initiated by driving the /CS pin low and shifting the
instruction code “C7h” or “60h”. The Chip Erase instruction sequence is shown in Figure 34.
The /CS pin must be driven high after the eighth bit has been latched. If this is not done the Chip Erase
instruction will not be executed. After /CS is driven high, the self-timed Chip Erase instruction will
commence for a time duration of tCE (See AC Characteristics). While the Chip Erase cycle is in progress,
the Read Status Register instruction may still be accessed to check the status of the BUSY bit. The BUSY
bit is a 1 during the Chip Erase cycle and becomes a 0 when finished and the device is ready to accept
other instructions again. After the Chip Erase cycle has finished the Write Enable Latch (WEL) bit in the
Status Register is cleared to 0. The Chip Erase instruction will not be executed if any memory region is
protected by the Block Protect (CMP, SEC, TB, BP2, BP1, and BP0) bits or the Individual Block/Sector
Locks.
/CS
CLK
DI
(IO
0)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (C7h/60h)
High Impedance
Mode 0
Mode 3
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
C7h/60h
Instruction
Mode 0
Mode 3
Figure 34. Chip Erase Instruction for SPI Mode (left) or QPI Mode (right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com