Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 53 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 53 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 49Page - Winbond W25Q128FVCIP Datasheet HTML 50Page - Winbond W25Q128FVCIP Datasheet HTML 51Page - Winbond W25Q128FVCIP Datasheet HTML 52Page - Winbond W25Q128FVCIP Datasheet HTML 53Page - Winbond W25Q128FVCIP Datasheet HTML 54Page - Winbond W25Q128FVCIP Datasheet HTML 55Page - Winbond W25Q128FVCIP Datasheet HTML 56Page - Winbond W25Q128FVCIP Datasheet HTML 57Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 52 -
Revision D
8.2.18 32KB Block Erase (52h)
The Block Erase instruction sets all memory within a specified block (32K-bytes) to the erased state of all
1s (FFh). A Write Enable instruction must be executed before the device will accept the Block Erase
Instruction (Status Register bit WEL must equal 1). The instruction is initiated by driving the /CS pin low
and shifting the instruction code “52h” followed a 24-bit block address (A23-A0). The Block Erase
instruction sequence is shown in Figure 32a & 32b.
The /CS pin must be driven high after the eighth bit of the last byte has been latched. If this is not done the
Block Erase instruction will not be executed. After /CS is driven high, the self-timed Block Erase instruction
will commence for a time duration of tBE1 (See AC Characteristics). While the Block Erase cycle is in
progress, the Read Status Register instruction may still be accessed for checking the status of the BUSY
bit. The BUSY bit is a 1 during the Block Erase cycle and becomes a 0 when the cycle is finished and the
device is ready to accept other instructions again. After the Block Erase cycle has finished the Write
Enable Latch (WEL) bit in the Status Register is cleared to 0. The Block Erase instruction will not be
executed if the addressed page is protected by the Block Protect (CMP, SEC, TB, BP2, BP1, and BP0)
bits or the Individual Block/Sector Locks.
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (52h)
High Impedance
8
9
29
30
31
24-Bit Address
23
22
2
1
0
*
Mode 0
Mode 3
= MSB
*
Figure 32a. 32KB Block Erase Instruction (SPI Mode)
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
52h
Instruction
2
3
4
5
20
16
12
8
21
17
22
18
23
19
13
9
14
10
15
11
A23-16
6
7
4
0
5
1
6
2
7
3
A15-8
A7-0
Mode 0
Mode 3
Figure 32b. 32KB Block Erase Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com