Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 67 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 67 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 63Page - Winbond W25Q128FVCIP Datasheet HTML 64Page - Winbond W25Q128FVCIP Datasheet HTML 65Page - Winbond W25Q128FVCIP Datasheet HTML 66Page - Winbond W25Q128FVCIP Datasheet HTML 67Page - Winbond W25Q128FVCIP Datasheet HTML 68Page - Winbond W25Q128FVCIP Datasheet HTML 69Page - Winbond W25Q128FVCIP Datasheet HTML 70Page - Winbond W25Q128FVCIP Datasheet HTML 71Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 66 -
Revision D
8.2.30 Read SFDP Register (5Ah)
The W25Q128BV features a 256-Byte Serial Flash Discoverable Parameter (SFDP) register that contains
information about device configurations, available instructions and other features. The SFDP parameters
are stored in one or more Parameter Identification (PID) tables. Currently only one PID table is specified,
but more may be added in the future. The Read SFDP Register instruction is compatible with the SFDP
standard initially established in 2010 for PC and other applications, as well as the JEDEC standard
JESD216 that is published in 2011. Most Winbond SpiFlash Memories shipped after June 2011 (date
code 1124 and beyond) support the SFDP feature as specified in the applicable datasheet.
The Read SFDP instruction is initiated by driving the /CS pin low and shifting the instruction code “5Ah”
followed by a 24-bit address (A23-A0)
(1) into the DI pin. Eight “dummy” clocks are also required before the
SFDP register contents are shifted out on the falling edge of the 40
th CLK with most significant bit (MSB)
first as shown in Figure 34. For SFDP register values and descriptions, please refer to the Winbond
Application Note for SFDP Definition Table.
Note 1: A23-A8 = 0; A7-A0 are used to define the starting byte address for the 256-Byte SFDP Register.
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (5Ah)
High Impedance
8
9
10
28
29
30
31
24-Bit Address
23
22
21
3
2
1
0
Data Out 1
*
/CS
CLK
DI
(IO
0)
DO
32
(IO
1)
33
34
35
36
37
38
39
Dummy Byte
High Impedance
40
41
42
44
45
46
47
48
49
50
51
52
53
54
55
7
6
5
4
3
2
1
0
7
Data Out 2
7
6
5
4
3
2
1
0
43
31
0
*
7
6
5
4
3
2
1
0
= MSB
*
*
Figure 34. Read SFDP Register Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com