Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 48 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 48 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 44Page - Winbond W25Q128FVCIP Datasheet HTML 45Page - Winbond W25Q128FVCIP Datasheet HTML 46Page - Winbond W25Q128FVCIP Datasheet HTML 47Page - Winbond W25Q128FVCIP Datasheet HTML 48Page - Winbond W25Q128FVCIP Datasheet HTML 49Page - Winbond W25Q128FVCIP Datasheet HTML 50Page - Winbond W25Q128FVCIP Datasheet HTML 51Page - Winbond W25Q128FVCIP Datasheet HTML 52Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 97 page
background image
W25Q128FV
- 47 -
8.2.14 Set Burst with Wrap (77h)
In Standard SPI mode, the Set Burst with Wrap (77h) instruction is used in conjunction with “Fast Read
Quad I/O” and “Word Read Quad I/O” instructions to access a fixed length of 8/16/32/64-byte section
within a 256-byte page. Certain applications can benefit from this feature and improve the overall system
code execution performance.
Similar to a Quad I/O instruction, the Set Burst with Wrap instruction is initiated by driving the /CS pin low
and then shifting the instruction code “77h” followed by 24 dummy bits and 8 “Wrap Bits”, W7-0. The
instruction sequence is shown in Figure 28. Wrap bit W7 and the lower nibble W3-0 are not used.
W6, W5
W4 = 0
W4 =1 (DEFAULT)
Wrap Around
Wrap Length
Wrap Around
Wrap Length
0 0
Yes
8-byte
No
N/A
0 1
Yes
16-byte
No
N/A
1 0
Yes
32-byte
No
N/A
1 1
Yes
64-byte
No
N/A
Once W6-4 is set by a Set Burst with Wrap instruction, all the following “Fast Read Quad I/O” and “Word
Read Quad I/O” instructions will use the W6-4 setting to access the 8/16/32/64-byte section within any
page. To exit the “Wrap Around” function and return to normal read operation, another Set Burst with
Wrap instruction should be issued to set W4 = 1. The default value of W4 upon power on or after a
software/hardware reset is 1.
In QPI mode, the “Burst Read with Wrap (0Ch)” instruction should be used to perform the Read operation
with “Wrap Around” feature. The Wrap Length set by W5-4 in Standard SPI mode is still valid in QPI mode
and can also be re-configured by “Set Read Parameters (C0h)” instruction. Refer to 8.2.44 and 8.2.45 for
details.
Wrap Bit
/CS
CLK
Mode 0
Mode 3
0
1
IO
0
IO
1
IO
2
IO
3
2
3
4
5
X
X
X
X
X
X
X
X
don't
care
6
7
8
9
don't
care
don't
care
10
11
12
13
14
15
Instruction (77h)
Mode 0
Mode 3
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
w4
X
w5
X
w6
X
X
X
Figure 28. Set Burst with Wrap Instruction (SPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com