Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 63 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 63 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 59Page - Winbond W25Q128FVCIP Datasheet HTML 60Page - Winbond W25Q128FVCIP Datasheet HTML 61Page - Winbond W25Q128FVCIP Datasheet HTML 62Page - Winbond W25Q128FVCIP Datasheet HTML 63Page - Winbond W25Q128FVCIP Datasheet HTML 64Page - Winbond W25Q128FVCIP Datasheet HTML 65Page - Winbond W25Q128FVCIP Datasheet HTML 66Page - Winbond W25Q128FVCIP Datasheet HTML 67Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 62 -
Revision D
8.2.26 Read Manufacturer / Device ID Dual I/O (92h)
The Read Manufacturer / Device ID Dual I/O instruction is an alternative to the Read Manufacturer /
Device ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID
at 2x speed.
The Read Manufacturer / Device ID Dual I/O instruction is similar to the Fast Read Dual I/O instruction.
The instruction is initiated by driving the /CS pin low and shifting the instruction code “92h” followed by a
24-bit address (A23-A0) of 000000h, but with the capability to input the Address bits two bits per clock.
After which, the Manufacturer ID for Winbond (EFh) and the Device ID are shifted out 2 bits per clock on
the falling edge of CLK with most significant bits (MSB) first as shown in Figure 40. The Device ID values
for the W25Q128FV are listed in Manufacturer and Device Identification table. If the 24-bit address is
initially set to 000001h the Device ID will be read first and then followed by the Manufacturer ID. The
Manufacturer and Device IDs can be read continuously, alternating from one to the other. The instruction
is completed by driving /CS high.
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (92h)
High Impedance
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
7
5
3
1
**
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
6
4
2
0
23
**
A23-16
A15-8
A7-0 (00h)
M7-0
/CS
CLK
DI
(IO
0)
DO
(IO
1)
24
25
26
27
28
29
30
31
32
33
34
36
37
38
35
23
0
Mode 0
Mode 3
7
5
3
1
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
6
4
2
1
0
1
MFR ID
Device ID
MFR ID
(repeat)
Device ID
IOs switch from
Input to Output
(repeat)
**
**
= MSB
*
Figure 40. Read Manufacturer / Device ID Dual I/O Instruction (SPI Mode only)
Note:
The “Continuous Read Mode” bits M(7-0) must be set to Fxh to be compatible with Fast Read Dual I/O instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com