Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 25 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 25 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 21Page - Winbond W25Q128FVCIP Datasheet HTML 22Page - Winbond W25Q128FVCIP Datasheet HTML 23Page - Winbond W25Q128FVCIP Datasheet HTML 24Page - Winbond W25Q128FVCIP Datasheet HTML 25Page - Winbond W25Q128FVCIP Datasheet HTML 26Page - Winbond W25Q128FVCIP Datasheet HTML 27Page - Winbond W25Q128FVCIP Datasheet HTML 28Page - Winbond W25Q128FVCIP Datasheet HTML 29Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 24 -
Revision D
8.1.2
Instruction Set Table 1 (Standard/Dual/Quad SPI Instructions)(1)
Data Input Output
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
Clock Number
(0 – 7)
(8 – 15)
(16 – 23)
(24 – 31)
(32 – 39)
(40 – 47)
(48 – 55)
Write Enable
06h
Volatile SR Write Enable
50h
Write Disable
04h
Read Status Register-1
05h
(S7-S0)
(2)
Write Status Register-1
(4)
01h
(S7-S0)
(4)
Read Status Register-2
35h
(S15-S8)
(2)
Write Status Register-2
31h
(S15-S8)
Read Status Register-3
15h
(S23-S16)
(2)
Write Status Register-3
11h
(S23-S16)
Chip Erase
C7h/60h
Erase / Program Suspend
75h
Erase / Program Resume
7Ah
Power-down
B9h
Release Power-down / ID
ABh
Dummy
Dummy
Dummy
(ID7-ID0)
(2)
Manufacturer/Device ID
90h
Dummy
Dummy
00h
(MF7-MF0)
(ID7-ID0)
JEDEC ID
9Fh
(MF7-MF0)
(ID15-ID8)
(ID7-ID0)
Global Block Lock
7Eh
Global Block Unlock
98h
Enter QPI Mode
38h
Enable Reset
66h
Reset Device
99h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com