Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 77 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 77 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 73Page - Winbond W25Q128FVCIP Datasheet HTML 74Page - Winbond W25Q128FVCIP Datasheet HTML 75Page - Winbond W25Q128FVCIP Datasheet HTML 76Page - Winbond W25Q128FVCIP Datasheet HTML 77Page - Winbond W25Q128FVCIP Datasheet HTML 78Page - Winbond W25Q128FVCIP Datasheet HTML 79Page - Winbond W25Q128FVCIP Datasheet HTML 80Page - Winbond W25Q128FVCIP Datasheet HTML 81Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 76 -
Revision D
8.2.40 Read Block/Sector Lock (3Dh)
The Individual Block/Sector Lock provides an alternative way to protect the memory array from adverse
Erase/Program. In order to use the Individual Block/Sector Locks, the WPS bit in Status Register-3 must
be set to 1. If WPS=0, the write protection will be determined by the combination of CMP, SEC, TB,
BP[2:0] bits in the Status Registers. The Individual Block/Sector Lock bits are volatile bits. The default
values after device power up or after a Reset are 1, so the entire memory array is being protected.
To read out the lock bit value of a specific block or sector as illustrated in Figure 4d, a Read Block/Sector
Lock command must be issued by driving /CS low, shifting the instruction code “3Dh” into the Data Input
(DI) pin on the rising edge of CLK, followed by a 24-bit address. The Block/Sector Lock bit value will be
shifted out on the DO pin at the falling edge of CLK with most significant bit (MSB) first as shown in Figure
54. If the least significant bit (LSB) is 1, the corresponding block/sector is locked; if LSB=0, the
corresponding block/sector is unlocked, Erase/Program operation can be performed.
Figure 54a. Read Block Lock Instruction (SPI Mode)
Figure 54b. Read Block Lock Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com