Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 31 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 31 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 27Page - Winbond W25Q128FVCIP Datasheet HTML 28Page - Winbond W25Q128FVCIP Datasheet HTML 29Page - Winbond W25Q128FVCIP Datasheet HTML 30Page - Winbond W25Q128FVCIP Datasheet HTML 31Page - Winbond W25Q128FVCIP Datasheet HTML 32Page - Winbond W25Q128FVCIP Datasheet HTML 33Page - Winbond W25Q128FVCIP Datasheet HTML 34Page - Winbond W25Q128FVCIP Datasheet HTML 35Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 30 -
Revision D
Figure 8b. Read Status Register Instruction (QPI Mode)
8.2.5
Write Status Register-1 (01h), Status Register-2 (31h) & Status Register-3 (11h)
The Write Status Register instruction allows the Status Registers to be written. The writable Status
Register bits include: SRP0, SEC, TB, BP[2:0] in Status Register-1; CMP, LB[3:1], QE, SRP1 in Status
Register-2; HOLD/RST, DRV1, DRV0, WPS & ADP in Status Register-3. All other Status Register bit
locations are read-only and will not be affected by the Write Status Register instruction. LB[3:1] are non-
volatile OTP bits, once it is set to 1, it cannot be cleared to 0.
To write non-volatile Status Register bits, a standard Write Enable (06h) instruction must previously have
been executed for the device to accept the Write Status Register instruction (Status Register bit WEL
must equal 1). Once write enabled, the instruction is entered by driving /CS low, sending the instruction
code “01h/31h/11h”, and then writing the status register data byte as illustrated in Figure 9a & 9b.
To write volatile Status Register bits, a Write Enable for Volatile Status Register (50h) instruction must
have been executed prior to the Write Status Register instruction (Status Register bit WEL remains 0).
However, SRP1 and LB[3:1] cannot be changed from “1” to “0” because of the OTP protection for these
bits. Upon power off or the execution of a Software/Hardware Reset, the volatile Status Register bit values
will be lost, and the non-volatile Status Register bit values will be restored.
During non-volatile Status Register write operation (06h combined with 01h/31h/11h), after /CS is driven
high, the self-timed Write Status Register cycle will commence for a time duration of tW (See AC
Characteristics). While the Write Status Register cycle is in progress, the Read Status Register instruction
may still be accessed to check the status of the BUSY bit. The BUSY bit is a 1 during the Write Status
Register cycle and a 0 when the cycle is finished and ready to accept other instructions again. After the
Write Status Register cycle has finished, the Write Enable Latch (WEL) bit in the Status Register will be
cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com