Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q128FVCIP Datasheet(PDF) 35 Page - Winbond

Part # W25Q128FVCIP
Description  3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q128FVCIP Datasheet(HTML) 35 Page - Winbond

Back Button W25Q128FVCIP Datasheet HTML 31Page - Winbond W25Q128FVCIP Datasheet HTML 32Page - Winbond W25Q128FVCIP Datasheet HTML 33Page - Winbond W25Q128FVCIP Datasheet HTML 34Page - Winbond W25Q128FVCIP Datasheet HTML 35Page - Winbond W25Q128FVCIP Datasheet HTML 36Page - Winbond W25Q128FVCIP Datasheet HTML 37Page - Winbond W25Q128FVCIP Datasheet HTML 38Page - Winbond W25Q128FVCIP Datasheet HTML 39Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 97 page
background image
W25Q128FV
Publication Release Date: October 01, 2012
- 34 -
Revision D
8.2.7
Fast Read (0Bh)
The Fast Read instruction is similar to the Read Data instruction except that it can operate at the highest
possible frequency of FR (see AC Electrical Characteristics). This is accomplished by adding eight
“dummy” clocks after the 24-bit address as shown in Figure 16. The dummy clocks allow the devices
internal circuits additional time for setting up the initial address. During the dummy clocks the data value
on the DO pin is a “don’t care”.
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (0Bh)
High Impedance
8
9
10
28
29
30
31
24-Bit Address
23
22
21
3
2
1
0
Data Out 1
*
/CS
CLK
DI
(IO
0)
DO
(IO )
32
1
33
34
35
36
37
38
39
Dummy Clocks
High Impedance
40
41
42
44
45
46
47
48
49
50
51
52
53
54
55
7
6
5
4
3
2
1
0
7
Data Out 2
7
*
6
5
4
3
2
1
0
*
43
31
0
= MSB
*
Figure 16a. Fast Read Instruction (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com