Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS256S Datasheet(PDF) 104 Page - SPANSION

Part # S25FS256S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS256S Datasheet(HTML) 104 Page - SPANSION

Back Button S25FS256S Datasheet HTML 100Page - SPANSION S25FS256S Datasheet HTML 101Page - SPANSION S25FS256S Datasheet HTML 102Page - SPANSION S25FS256S Datasheet HTML 103Page - SPANSION S25FS256S Datasheet HTML 104Page - SPANSION S25FS256S Datasheet HTML 105Page - SPANSION S25FS256S Datasheet HTML 106Page - SPANSION S25FS256S Datasheet HTML 107Page - SPANSION S25FS256S Datasheet HTML 108Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 154 page
background image
104
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
The Power-On Reset, hardware reset, or software reset default burst length can be changed by programming
CR4NV with the desired value using the WRAR command.
Figure 10.26 Set Burst Length Command Sequence
10.4
Read Memory Array Commands
Read commands for the main flash array provide many options for prior generation SPI compatibility or
enhanced performance SPI:
 Some commands transfer address or data on each rising edge of SCK. These are called Single Data Rate
commands (SDR).
 Some SDR commands transfer address one bit per rising edge of SCK and return data 1bit of data per
rising edge of SCK. These are called Single width commands.
 Some SDR commands transfer both address and data two or four bits per rising edge of SCK. These are
called Dual I/O for two bits, Quad I/O, and QPI for four bits. QPI also transfers instruction four bits per rising
edge.
 Some commands transfer address and data on both the rising edge and falling edge of SCK. These are
called Double Data Rate (DDR) commands.
 There are DDR commands for 4 bits of address or data per SCK edge. These are called Quad I/O DDR
and QPI DDR for four bit per edge transfer.
All of these commands, except QPI Read, begin with an instruction code that is transferred one bit per SCK
rising edge. QPI Read transfers the instruction four bits per SCK rising edge.The instruction is followed by
either a 3- or 4-byte address transferred at SDR or DDR. Commands transferring address or data 2 or 4 bits
per clock edge are called Multiple I/O (MIO) commands. For S25FS-S family devices at 256-Mbits or higher
density, the traditional SPI 3-byte addresses are unable to directly address all locations in the memory array.
Separate 4-byte address read commands are provided for access to the entire address space. These devices
may be configured to take a 4-byte address from the host system with the traditional 3-byte address
commands. The 4-byte address mode for traditional commands is activated by setting the Address Length bit
Table 10.4 Example Burst Wrap Sequences
CR4V[4,1:0]
Value (Hex)
Wrap
Boundary
(Bytes)
Start Address
(Hex)
Address Sequence (Hex)
1X
Sequential
XXXXXX03
03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, 0F, 10, 11, 12, 13, 14, 15, 16, 17, 18, ...
00
8
XXXXXX00
00, 01, 02, 03, 04, 05, 06, 07, 00, 01, 02, ...
00
8
XXXXXX07
07, 00, 01, 02, 03, 04, 05, 06, 07, 00, 01, ...
01
16
XXXXXX02
02, 03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, 0F, 00, 01, 02, 03, ...
01
16
XXXXXX0C
0C, 0D, 0E, 0F, 00, 01, 02, 03, 02, 03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, ...
02
32
XXXXXX0A
0A, 0B, 0C, 0D, 0E, 0F, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 1A, 1B, 1C, 1D, 1E, 1F, 00,
01, 02, 03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, 0F, ...
02
32
XXXXXX1E
1E, 1F, 00, 01, 02, 03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, 0F, 10, 11, 12, 13, 14, 15,
16, 17, 18, 19, 1A, 1B, 1C, 1D, 1E, 1F, 00, ...
03
64
XXXXXX03
03, 04, 05, 06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, 0F, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 1A,
1B, 1C, 1D, 1E, 1F, 20, 21, 22, 23, 24, 25, 26, 27, 28, 29, 2A, 2B, 2C, 2D, 2E, 2F, 30, 31,
32, 33, 34, 35, 36, 37, 38, 39, 3A, 3B, 3C, 3D, 3E, 3F, 00, 01, 02 ...
03
64
XXXXXX2E
2E, 2F, 30, 31, 32, 33, 34, 35, 36, 37, 38, 39, 3A, 3B, 3C, 3D, 3E, 3F, 00, 01, 02, 03, 04, 05,
06, 07, 08, 09, 0A, 0B, 0C, 0D, 0E, 0F, 10, 11, 12, 13, 14, 15, 16, 17, 18, 19, 1A, 1B, 1C,
1D, 1E, 1F, 20, 21, 22, 23, 24, 25, 26, 27, 28, 29, 2A, 2B, 2C, 2D, 2E, 2F, ...
CS#
SCLK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Input Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com