Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 222 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 222 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 218Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 219Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 220Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 221Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 222Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 223Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 224Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 225Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 226Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
24.1.4 Serial Receive Data (SRD)
The SRD pin is used as an input when data is shifted into the Audio Receive Shift Register (ARSR). In
asynchronous mode, data on the SRD pin is sampled on the negative edge of the serial receive shift clock
(SRCLK). In synchronous mode, data on the SRD pin is sampled on the negative edge of the serial shift
clock (SCK). The data is shifted into ARSR with the most significant bit (MSB) first.
24.1.5 Serial Receive Clock (SRCLK)
The SRCLK pin is a bidirectional signal that provides the receive serial shift clock in asynchronous mode.
In this mode, data is sampled on the negative edge of SRCLK. The SRCLK signal may be generated
internally or it may be provided by an external clock source. In synchronous mode, the SCK pin is used as
shift clock for both the receiver and transmitter, so the SRCLK pin is available for use as a general-
purpose port pin or an auxiliary frame sync signal to access multiple slave devices (e.g. codecs) within a
network (see Network mode).
24.1.6 Serial Receive Frame Sync (SRFS)
The SRFS pin is a bidirectional signal that provides frame synchronization for the receiver in
asynchronous mode. The frame sync signal may be generated internally, or it may be provided by an
external source. In synchronous mode, the SFS signal is used as the frame sync signal for both the
transmitter and receiver, so the SRFS pin is available for use as a general-purpose port pin or an auxiliary
frame sync signal to access multiple slave devices (e.g. codecs) within a network (see Network mode).
24.2 Audio Interface Modes
There are two clocking modes: asynchronous mode and synchronous mode. These modes differ in the
source and timing of the clock signals used to transfer data. When the AAI is generating the bit shift clock
and frame sync signals internally, synchronous mode must be used.
There are two framing modes: normal mode and network mode. In normal mode, one word is transferred
per frame. In network mode, up to four words are transferred per frame. A word may be 8 or 16 bits. The
part of the frame which carries a word is called a slot. Network mode supports multiple external devices
sharing the interface, in which each device is assigned its own slot. Separate frame sync signals are
provided, so that each device is triggered to send or receive its data during its assigned slot.
24.2.1 Asynchronous Mode
In asynchronous mode, the receive and transmit paths of the audio interface operate independently, with
each path using its own bit clock and frame sync signal. The frame sync signals must be supplied
externally.
24.2.2 Synchronous Mode
In synchronous mode, the receive and transmit paths of the audio interface use the same shift clock and
frame sync signal. The bit shift clock and frame sync signal for both paths are derived from the same set
of clock prescalers.
24.2.3 Normal Mode
In normal mode, each rising edge on the frame sync signal marks the beginning of a new frame and also
the beginning of a new slot. A slot does not necessarily occupy the entire frame. (A frame can be longer
than the data word transmitted after the frame sync pulse.) Typically, a codec starts transmitting a fixed
length data word (e.g. 8-bit log PCM data) with the frame sync signal, then the codec’s transmit pin
returns to the high-impedance state for the remainder of the frame.
The Audio Receive Shift Register (ARSR) deserializes data received on the SRD pin (serial receiver data).
Only the data sampled after the frame sync signal are treated as valid. If the interface is interrupt-driven,
valid data bits are transferred from the ARSR to the receive FIFO. If the interface is configured for DMA,
the data is transferred to the receive DMA register 0 (ARDR0).
222
Advanced Audio Interface
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com