Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 220 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 220 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 216Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 217Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 218Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 219Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 220Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 221Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 222Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 223Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 224Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 407 page
background image
1
4 511 170 us
12 MHz
§
·
u u
¨
¸
©
¹
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
23.4.5 ADC Start Conversion Delay Register (ADCSCDLY)
The ADCSCDLY register is a 16-bit, read/write register that controls critical timing parameters for the
operation of the ADC module. After reset, the register is cleared.
15
14 13
5 4
0
ADC_DIV
ADC_DELAY1
ADC_DELAY2
ADC_DELAY2
The ADC Delay 2 field specifies the delay between the ADC module clock source
(either PCLK Clock after a programmable divider or Auxiliary Clock 1) and the ADC
clock. The range of effective values for this field is 0 to 20. Values above 20 produce
the same delay as 20, which is about 42 ns.
ADC_DELAY1
The ADC Delay 1 field specifies the number of clock periods by which the trigger event
will be delayed before initiating a conversion. The timebase for this delay is the ADC
clock (12 MHz) divided by the ADC_DIV divisor. The ADC_DELAY1 field has 9 bits,
which corresponds to a maximum delay of 511 clock periods.
ADC_DIV
The ADC Clock Divisor field specifies the divisor applied to the ADC clock (12 MHz) to
generate the clock used to drive the DELAY1 block. The field is biased by 1, so the
divisor selected by the ADC_DIV field may be 1, 2, 3, or 4. With a module clock of 12
MHz, the maximum delay which can be provided by ADC_DIV and ADC_DELAY
settings is:
23.4.6 ADC Result Register (ADCRESLT)
The ADCRESLT register is a 16-bit, read-only register that includes the software-visible end of a 4-word
FIFO. Conversion results are loaded into the FIFO from the ADC and unloaded when software reads the
ADCRESLT register. The ADCRESLT register is read-only. The defined fields in this register are cleared
when the register is read. After reset, this register is clear.
15
14
13
12
11
0
ADC_DONE
ADC_OFLW
Reserved
SIGN
ADC_RESULT
ADC_RESULT
The ADC Result field holds a 12-bit value for the conversion result. If the ADC_DONE
bit is clear, there is no valid result in this field, and the field will have a value of 0. The
ADC_RESULT field and the SIGN bit together form the software-visible end of the
ADC FIFO.
SIGN
The Sign bit indicates whether the (minus) – input has a voltage greater than the (plus)
+ input (differential mode only). For example if ADCGCR.MUX_CFG is 000b, ADC0 is
the + input and ADC1 is the – input. If the voltage on ADC0 is greater than the voltage
on ADC1, the SIGN bit will be 0; if the voltage on ADC0 is less than the voltage on
ADC1, the SIGN bit will be 1. In single-ended mode, this bit always reads as 0.
0 – In differential mode, + input has a voltage greater than the – input. In single-ended
mode, this bit is always 0.
1 – In differential mode, – input has a voltage greater than the + input.
ADC_OFLW
The ADC FIFO Overflow bit indicates whether the 4-word FIFO behind the ADCRESLT
register has overflowed. When this occurs, the most recent conversion result is lost.
This bit is cleared when the ADCRESLT register is read.
0 – FIFO overflow has not occurred.
1 – FIFO overflow has occurred.
220
Analog-to-Digital Converter
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com