Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 217 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 217 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 213Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 214Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 215Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 216Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 217Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 218Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 219Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 220Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 221Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
23.4 ADC Register Set
Table 23-1 lists the ADC registers.
Table 23-1. ADC Registers
Name
Address
Description
ADCGCR
FF AC00h
ADC Global Configuration Register
ADCACR
FF AC04h
ADC Auxiliary Configuration Register
ADCCNTRL
FF AC08h
ADC Conversion Control Register
ADCSTART
FF AC0Ch
ADC Start Conversion Register
ADCSCDLY
FF AC10h
ADC Start Conversion Delay Register
ADCRESLT
FF AC14h
ADC Result Register
23.4.1 ADC Global Configuration Register (ADCGCR)
The ADCGCR register is a 16-bit, read/write register that controls the basic operation of the interface. The
APB bus master has read/write access to the ADCGCR register. After reset this register is cleared.
15
14
13
12 11
10 9
7 6
3
2
1
0
MUXOUTEN
INTEN
NREF_CFG
PREF_CFG
Reserved
MUX_CFG
DIFF
ADCIN
CLKEN
CLKEN
The Clock Enable bit controls whether the ADC module is running. When this bit is clear, all
ADC clocks are disabled, the ADC analog circuits are in a low-power state, and ADC
registers (other than the ADCGCR and AGCACR registers) are not writeable. Clearing this
bit reinitializes the ADC state machine and cancels any pending trigger event. Setting this
bit enables the ADC clocks and powers up the ADC analog circuits. The converter is
operational within 0.25 µs of being enabled.
0 – ADC disabled.
1 – ADC enabled.
ADCIN
The ADCIN bit selects the source of the ADC input. When the bit is clear, the source is the
10-channel Input Multiplexer. When the bit is set, the source is the ADCIN pin.
0 – ADC input is from 10-channel multiplexer.
1 – ADC input is from ADCIN pin.
DIFF
The Differential Operation Mode bit and the MUX_CFG field configure the analog circuits of
the ADC module. When this bit is clear, the ADC module operates in single-ended mode.
When this bit is set, the ADC operates in differential mode.
0 – Single-ended mode.
1 – Differential mode.
MUX_CFG The Multiplexer Configuration field and the DIFF bit configure the analog circuits of the ADC
module, as shown below.
Channel
Channel
(DIFF = 1)
MUX_CFG
(DIFF = 0)
+
-
0000
0
0
1
0001
1
1
0
0010
2
2
3
0011
3
3
2
0100
4
4
5
0101
5
5
4
0110
6
6
7
0111
7
7
6
Copyright © 2013, Texas Instruments Incorporated
Analog-to-Digital Converter
217
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com