Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 213 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 213 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 209Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 210Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 211Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 212Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 213Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 214Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 215Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 216Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 217Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Example 2
PSC = PSC[5:0] + 1 = 2 + 2 = 4
TSEG1 = TSEG1[3:0] + 1 = 1 + 1 = 2
TSEG2 = TSEG2[2:0] + 1 = 0 + 1 = 1
SJW = TSEG2 = 1
•
Sample point positioned at 75% of bit time
•
Bit time = 250 ns × (1 + 2 + 1 ± 1) = (1 ± 0.25) µs
•
Bus Clock = 16 MHz / (2 × (1 + 4 + 3)) = 1Mbit/s (nominal)
22.11.5 Acceptance Filter Considerations
The CAN module provides two acceptance filter masks GMSKn and BMSKn, as described in
Section 22.4, Section 22.10.8, and Section 22.10.9. These masks allow filtering of up to 32 bits of the
message object, which includes the standard identifier, the extended identifier, and the frame control bits
RTR, SRR, and IDE.
22.11.6 Remote Frames
Remote frames can be automatically processed by the CAN module. However, to fully enable this feature,
the RTR/ XRTR bits (for both standard and extended frames) within the BMSKn and/or GMSKn register
need to be set to “don’t care”. This is because a remote frame with the RTR bit set should trigger the
transmission of a data frame with the RTR bit clear and therefore the ID bits of the received message
need to pass through the acceptance filter. The same applies to transmitting remote frames and switching
to receive the corresponding data frames.
22.12 Usage Notes
Under certain conditions, the CAN module receives a frame sent by itself, even though the loopback
feature is disabled. Two conditions must be true to cause this malfunction:
•
A transmit buffer and at least one receive buffer are configured with the same identifier. Assume this
identifier is called ID_RX_TX. With regard to the receive buffer, this means that the buffer identifier and
the corresponding fi ter masks are set up in a way that the buffer is able to receive frames with the
identifier ID_RX_TX.
•
The following sequence of events occurs:
1. A message with the identifier ID_RX_TX from another CAN node is received into the receive buffer.
2. A message with the identifier ID_RX_TX is sent by the CAN module immediately after the reception
took place.
When these conditions occur, the frame sent by the CAN module will be copied into the next receive
buffer available for the identifier ID_RX_TX.
If a frame with an identifier different to ID_RX_TX is sent or received in between events 1 and 2, the
problem does not occur.
23 Analog-to-Digital Converter
The ADC provides the following features:
•
10-input analog multiplexer
•
10 single-ended channels or 5 differential channels
•
External filtering capability
•
12-bit resolution with 10-bit accuracy
•
Sign bit
•
10-microsecond conversion time
•
Internal or external start trigger
Copyright © 2013, Texas Instruments Incorporated
Analog-to-Digital Converter
213
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com