Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 216 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 216 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 212Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 213Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 214Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 215Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 216Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 217Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 218Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 219Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 220Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
23.1.3 ADC Clock Generation
The DELAY2 block generates ADC Clock, which is the clock used internally by the ADC module. ADC
Clock is derived from either:
•
PCLK Clock—a programmable divider is available to generate the 12 MHz clock required by the ADC
from the PCLK Clock.
•
Auxiliary Clock 1—may be used to perform conversions when the PCLK Clock is slowed down or
suspended in low-power modes.
The DELAY2 block receives the clock source selected by the CLKSEL bit of the ADCACR register and
adds a number of asynchronous incremental delay units specified in the ADC_DELAY2 field of the
ADCSCDLY register. This delayed clock (ADC Clock) then drives the TRIGGER, ADC, and ADC
SEQUENCER blocks. ADC Clock also drives the ADC_DIV clock divider, which generates the clock which
drives the DELAY1 block.
Because the ADCRESLT FIFO is driven by PCLK Clock (not ADC Clock), a conversion result will not
propagate to the output of the FIFO when PCLK Clock is suspended.
23.1.4 ADC Voltage References
The ADC block has positive and negative voltage reference inputs, VREFP and VREFN. In single-ended
mode, only VREFP is used. An analog multiplexer allows selecting an external VREF pin, the analog
supply voltage ADVCC, or the analog inputs ADC0 or ADC1 as the positive voltage reference, as
controlled by the PREF_CFG field of the ADCGCR register. Another analog multiplexer allows selecting
the analog ground ADGND or the analog inputs ADC2 or ADC3 as the negative voltage reference, as
controlled by the NREF_CFG field of the ADCGCR register.
23.2 Operation in Low-Power Modes
To reduce the level of switching noise in the environment of the ADC, it is possible to operate the
CP3SP33 in low-power modes, in which the PCLK Clock is slowed or switched off. Under these
conditions, Auxiliary Clock 1 can be selected as the clock source for the ADC module, however
conversion results cannot be read by the system while the PCLK Clock is suspended. To operate in a low-
power mode:
1. ADC is configured and a conversion is primed or triggered.
2. A low-power mode is entered.
3. ADC conversion completes and a wake-up signal is asserted to the MIWU unit.
4. Device wakes up and processes the conversion result.
To conserve power, the ADC should be disabled before entering a low-power mode if its function is not
required.
23.3 Freeze Mode
When Freeze mode is entered, the ADC will exhibit the following specific behavior:
•
The automatic clear-on-read function of the result register (ADCRESLT) is disabled.
•
The FIFO is updated as usual, and an interrupt for a completed conversion can be asserted.
216
Analog-to-Digital Converter
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com