Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5347 Datasheet(PDF) 20 Page - PMC-Sierra, Inc

Part # PM5347
Description  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 Datasheet(HTML) 20 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 16Page - PMC-Sierra, Inc PM5347 Datasheet HTML 17Page - PMC-Sierra, Inc PM5347 Datasheet HTML 18Page - PMC-Sierra, Inc PM5347 Datasheet HTML 19Page - PMC-Sierra, Inc PM5347 Datasheet HTML 20Page - PMC-Sierra, Inc PM5347 Datasheet HTML 21Page - PMC-Sierra, Inc PM5347 Datasheet HTML 22Page - PMC-Sierra, Inc PM5347 Datasheet HTML 23Page - PMC-Sierra, Inc PM5347 Datasheet HTML 24Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
4
• Synthesizes the 155.52 MHz or 51.84 MHz transmit clock from a 19.44 MHz
or 6.48 MHz reference.
• Provides a serial interface at 155.52 Mbit/s or 51.84 Mbit/s.
• Optionally inserts path alarm indication signal (PAIS), path remote defect
indication (PRDI), line alarm indication signal (LAIS) and line remote defect
indication (LRDI) indication.
• Optionally inserts register programmable APS (K1, K2) and synchronization
status (S1) bytes.
• Inserts path BIP-8 codes (B3), path far end block error (G1) indications, line
BIP-24/8 codes (B2), line far end block error (M0 or M1) indications, section
BIP-8 codes (B1) to allow performance monitoring at the far end.
• Allows forced insertion of all zeros data (after scrambling), the corruption of
the framing bytes or the corruption of the section, line, or path BIP-8 codes for
diagnostic purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com